Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 39Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 40Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 41Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 42Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 43Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 44Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 45Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 46Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 42 of 92
MB90340E Series
List of Control Registers (2)
Address
Register
Abbreviation
Access
Initial Value
CAN0
CAN1
007B00H
007D00H
Control Status
Register
CSR
R/W, W
R/W, R
0XXXX0X1B
00XXX000B
007B01H
007D01H
007B02H
007D02H
Last Event
Indicator Register
LEIR
R/W
000X0000B
XXXXXXXXB
007B03H
007D03H
007B04H
007D04H
Receive And Transmit
Error Counter
RTEC
R
00000000B
00000000B
007B05H
007D05H
007B06H
007D06H
Bit Timing
Register
BTR
R/W
11111111B
X1111111B
007B07H
007D07H
007B08H
007D08H
IDE Register
IDER
R/W
XXXXXXXXB
XXXXXXXXB
007B09H
007D09H
007B0AH
007D0AH
Transmit RTR
Register
TRTRR
R/W
00000000B
00000000B
007B0BH
007D0BH
007B0CH
007D0CH
Remote Frame
Receive Waiting
Register
RFWTR
R/W
XXXXXXXXB
XXXXXXXXB
007B0DH
007D0DH
007B0EH
007D0EH
Transmit Interrupt
Enable Register
TIER
R/W
00000000B
00000000B
007B0FH
007D0FH
007B10H
007D10H
Acceptance Mask
Select Register
AMSR
R/W
XXXXXXXXB
XXXXXXXXB
007B11H
007D11H
007B12H
007D12H
XXXXXXXXB
XXXXXXXXB
007B13H
007D13H
007B14H
007D14H
Acceptance Mask
Register 0
AMR0
R/W
XXXXXXXXB
XXXXXXXXB
007B15H
007D15H
007B16H
007D16H
XXXXXXXXB
XXXXXXXXB
007B17H
007D17H
007B18H
007D18H
Acceptance Mask
Register 1
AMR1
R/W
XXXXXXXXB
XXXXXXXXB
007B19H
007D19H
007B1AH
007D1AH
XXXXXXXXB
XXXXXXXXB
007B1BH
007D1BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com