Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 70Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 71Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 72Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 73Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 74Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 75Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 76Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 77Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 73 of 92
MB90340E Series
11.5 A/D Converter
(TA
 40°C to 105°C, 3.0 VAVRH AVRL, V
CC AVCC 5.0 V 10, fCP24 MHz, VSS AVSS 0 V)
*: If the A/D convertor is not operating, a current when CPU is stopped is applicable (VCC AVCC AVRH 5.0 V) .
Note:
: The accuracy gets worse as |AVRH
AVRL| becomes smaller.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Resolution

10
bit
Total error
3.0
LSB
Nonlinearity error
2.5
LSB
Differential
nonlinearity error
1.9
LSB
Zero reading
voltage
VOT
AN0 to AN23
AVRL
1.5 LSB
AVRL
0.5 LSB
AVRL
2.5 LSB V
Full scale reading
voltage
VFST
AN0 to AN23
AVRH
3.5 LSB
AVRH
1.5 LSB
AVRH
0.5 LSB V
Compare time

1.0
16500
s
4.5 V
AV
CC5.5 V
2.0
4.0 V
AV
CC < 4.5 V
Sampling time

0.5
s
4.5 V
AV
CC5.5 V
1.2
4.0 V
AV
CC < 4.5 V
Analog port input
current
IAIN
AN0 to AN23
0.3
0.3
A
Analog input
voltage range
VAIN
AN0 to AN23
AVRL
AVRH
V
Reference
voltage range
AVRH
AVRL
2.7
AVCC
V
AVRL
0
AVRH
2.7
V
Power supply
current
IA
AVCC
3.5
7.5
mA
IAH
AVCC

5
A*
Reference
voltage current
IR
AVRH
600
900
A
IRH
AVRH

5
A*
Offset between
input channels
AN0 to AN23

4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com