Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 50Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 51Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 52Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 53Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 54Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 55Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 56Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 57Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 58Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 53 of 92
MB90340E Series
11.3 DC Characteristics
(TA  40°C to 105°C, VCC 5.0 V 10, fCP24 MHz, VSS AVSS 0 V)
(Continued)
Parameter
Symb
ol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Input H
voltage
(At VCC
5 V
10)
VIHS

0.8 VCC
VCC 0.3 V
Port inputs if CMOS
hysteresis input levels are selected
(except P12, P44, P45, P46, P47,
P50, P82, P85)
VIHA

0.8 VCC
VCC 0.3 V
Port inputs if
Automotive input levels are selected
VIHT

2.0
VCC 0.3 V
Port inputs if TTL input levels are
selected
VIHS

0.7 VCC
VCC 0.3 V
P12, P50, P82, P85
inputs if CMOS input levels are
selected
VIHI

0.7 VCC
VCC 0.3 V
P44, P45, P46, P47
inputs if CMOS hysteresis
input levels are selected
VIHR

0.8 VCC
VCC 0.3 V
RST input pin
(CMOS hysteresis)
VIHM

VCC 0.3
VCC 0.3 V
MD input pin
Input L
voltage
(At VCC
5 V
10)
VILS

VSS 0.3
0.2 VCC
V
Port inputs if CMOS
hysteresis input levels are selected
(except P12, P44, P45, P46, P47,
P50, P82, P85)
VILA

VSS 0.3
0.5 VCC
V
Port inputs if
Automotive input levels are selected
VILT

VSS 0.3
0.8
V
Port inputs if TTL
input levels are selected
VILS

VSS 0.3
0.3 VCC
V
P12, P50, P82, P85
inputs if CMOS input levels are
selected
VILI

VSS 0.3
0.3 VCC
V
P44, P45, P46, P47
inputs if CMOS hysteresis
input levels are selected
VILR

VSS 0.3
0.2 VCC
V
RST input pin
(CMOS hysteresis)
VILM

VSS 0.3
VSS 0.3 V
MD input pin
Output H
voltage
VOH
Normal
outputs
VCC 4.5 V,
IOH  4.0 mA
VCC 0.5 
V
Output H
voltage
VOHI
I2C current
outputs
VCC 4.5 V,
IOH  3.0 mA
VCC 0.5 
V
Output L
voltage
VOL
Normal
outputs
VCC 4.5 V,
IOL 4.0 mA

0.4
V
Output L
voltage
VOLI
I2C current
outputs
VCC 4.5 V,
IOL 3.0 mA

0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com