Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 56Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 57Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 58Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 59Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 60Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 61Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 62Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 63Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 59 of 92
MB90340E Series
11.4.3 Power On Reset
(TA  40°C to 105°C, VCC 5.0 V 10, fCP24 MHz, VSS AVSS 0.0 V)
Note:
: If you change the power supply voltage too rapidly, a power on reset may occur. We recommend that you startup
smoothly by restraining voltages when changing the power supply voltage during operation, as shown in the figure below.
Perform while not using the PLL clock. However, if voltage drops are within 1 V/s, you can operate while using the PLL
clock.
11.4.4 Clock Output Timing
(TA  40°C to 105°C, VCC 5.0 V 10, VSS 0.0 V, fCP24 MHz)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Power on rise time
tR
VCC
0.05
30
ms
Power off time
tOFF
VCC
1
ms
Waiting time until power-on
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
CLK
62.5
ns
fCP 16 MHz
41.67
ns
fCP 24 MHz
CLK
  CLK 
tCHCL
CLK
20
ns
fCP 16 MHz
13
ns
fCP 24 MHz
VCC
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
VCC
VSS
3 V
Holds RAM data
We recommend a rise of
50 mV/ms maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com