Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 64 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 64 Page - ams AG

Back Button AS3956 Datasheet HTML 60Page - ams AG AS3956 Datasheet HTML 61Page - ams AG AS3956 Datasheet HTML 62Page - ams AG AS3956 Datasheet HTML 63Page - ams AG AS3956 Datasheet HTML 64Page - ams AG AS3956 Datasheet HTML 65Page - ams AG AS3956 Datasheet HTML 66Page - ams AG AS3956 Datasheet HTML 67Page - ams AG AS3956 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 109 page
background image
Page 64
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
EEPROM Read
In order to read data from EEPROM, first a mode byte is sent,
followed by the block address byte (MSB first). Then one or more
blocks of data with address auto-incrementing (packets of 4
bytes) are transferred to MISO output, also MSB first. MOSI is
sampled at the SCLK falling edge; data to be read from AS3956
EEPROM is driven to MISO pin on SCLK rising edge and is
sampled by the master at the SCLK falling edge. In case the
block on the defined address does not exist, all 0 data is sent to
MISO.
Please note that SCLK frequency should not exceed 1MHz
during EEPROM Read (limited by EEPROM read access time).
Figure 62:
Reading an EEPROM Block over SPI
01 1 1 1 1 1 1
W
A
4
W
A
3
W
A
2
W
A
1
W
A
0
x
W
A
6
W
A
5
X
MSB Byte from Address
<WA6-WA0>
/SS
SCLK
MOSI
X
B
2
9
B
2
8
B
2
7
B
2
6
B
2
5
B
2
4
B
3
1
B
3
0
B
2
3
B
2
2
B
5
B
4
B
3
B
2
B
1
B
0
B
7
B
6
B
9
B
8
XX
LSB Byte from Address
<WA6-WA0>
X
MISO
1µs min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com