Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 42 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 42 Page - ams AG

Back Button AS3956 Datasheet HTML 38Page - ams AG AS3956 Datasheet HTML 39Page - ams AG AS3956 Datasheet HTML 40Page - ams AG AS3956 Datasheet HTML 41Page - ams AG AS3956 Datasheet HTML 42Page - ams AG AS3956 Datasheet HTML 43Page - ams AG AS3956 Datasheet HTML 44Page - ams AG AS3956 Datasheet HTML 45Page - ams AG AS3956 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 109 page
background image
Page 42
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
The voltage level of the supply on VP_IO is measured when tag
enters RF field. The selected voltage level threshold can be
properly measured only if the RF field is strong enough to
provide sufficient supply voltage level. When small antennas
are used, it is advisable to set lower threshold.
The i2c_addr bits represent lower three bits of the I²C address.
The upper four bits of the I²C address that represent a group
shall be set to 1010b.
Configuration Byte IC_CFG1
Figure 43:
Configuration Byte IC_CFG1
Note(s):
1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if rfcfg_en
is set to 1.
If bit en_rx_crc is set to 1 then the CRC shall be part of the
message in the buffer. This implies that maximum message
effective length is reduced to 30 bytes. CRC check is performed
regardless of the value of the en_rx_crc bit.
Configuration Byte IC_CFG2
Figure 44:
Configuration Byte IC_CFG2
Conf. Bit
Name
Default
Function
Note
b7
en_rx_crc
0
1: CRC stored in the buffer in the tunneling mode
b6
vreg<4>
0
Voltage level for voltage regulator VP_REG
(see Figure 16)
b5
vreg<3>
0
b4
vreg<2>
0
b3
vreg<1>
0
b2
vreg<0>
0
b1
rreg<1>
0
Output resistance value for voltage regulator VP_REG
(see Figure 15)
b0
rreg<0>
0
Conf. Bit
Name
Default
Function
Note
b7
rfcfg_en
1
1: Enables personalization / configuration
over RF
b6
tun_mod
0
1: Enables Tunneling Mode
b5
ext_mod
0
1: Enables Extended Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com