Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 35 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 35 Page - ams AG

Back Button AS3956 Datasheet HTML 31Page - ams AG AS3956 Datasheet HTML 32Page - ams AG AS3956 Datasheet HTML 33Page - ams AG AS3956 Datasheet HTML 34Page - ams AG AS3956 Datasheet HTML 35Page - ams AG AS3956 Datasheet HTML 36Page - ams AG AS3956 Datasheet HTML 37Page - ams AG AS3956 Datasheet HTML 38Page - ams AG AS3956 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
ams Datasheet
Page 35
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Configuration Bytes
The Configuration bytes are used to define AS3956 operating
options. AS3956 is delivered by ams with default settings.
Authentication Password
The Authentication password block (bytes RFP0, RFP1, RFP2,
and RFP3) contains the 32-bit password. This password is used
for authentication over RF side. The NFC tag is set into
AUTHENTICATED state when a write command is issued via the
RF to write password address with the data that has same
content as the data stored in Authentication password block. If
the NFC tries to authenticate with a wrong password, AS3956
shall not respond and returns into SENSE / SLEEP state and the
value of the AUTH_CNT is decreased.
The password can be overwritten via RF only in
AUTHENTICATED state and can always be set via SPI / I²C.
Configuration register AUTH_CFG defines access rights
controlled by the password. The RF password can’t be read via
RF.
The authentication for read or write is required only to the
memory portion defined by AUTH_LIM. The chip is no longer in
AUTHENTICATED state when the tag leaves SELECTED state.
An attempt to read the password block will return zeroes. The
authentication does not override permissions set by the lock
bits. Authentication also does not restrict access over SPI / I²C
in any way.
Authentication can be configured using configuration bits in
AUTH_CFG and AUTH_LIM bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com