Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 20 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 20 Page - ams AG

Back Button AS3956 Datasheet HTML 16Page - ams AG AS3956 Datasheet HTML 17Page - ams AG AS3956 Datasheet HTML 18Page - ams AG AS3956 Datasheet HTML 19Page - ams AG AS3956 Datasheet HTML 20Page - ams AG AS3956 Datasheet HTML 21Page - ams AG AS3956 Datasheet HTML 22Page - ams AG AS3956 Datasheet HTML 23Page - ams AG AS3956 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 109 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
Silent Mode
Silent mode enables detection of the power status of a circuit
whose supply (Vdd) is connected to VP_IO pin. If this mode is
enabled and the voltage measured on pin VP_IO is below the
configured threshold value, the RF part of AS3956 will be
disabled, and the IC will not be responsive to incoming
commands. Silent mode settings can be performed by using
Configuration Byte IC_CFG0.
This feature overcomes a potentially inconsistent behavior in a
battery powered system, where a passive NFC tag can always
communicate with a NFC device, also in case the battery is not
sufficiently charged to supply the rest of the system. A typical
example is when the NFC tag is used for Bluetooth pairing:
AS3956 would trigger a pairing procedure only in case the
system is fully operational by monitoring the supply voltage.
Memory Protection
AS3956 internal memory can be protected from unauthorized
access by enabling password authentication. A 32-bit password
can be set to protect the full user memory, or part of it, to allow
the creation of a public data and a private data area. Password
protection can be applied for read and write accesses.
Password authentication is performed through a standard
WRITE command to the Authentication Password block. A
maximum of 7 negative attempts are permitted before the chip
is locked. Once authenticated, the user can modify the
password.
Password protection applies to RF communication only.
Further information on how to handle password authentication
can be found in Authentication Password, Configuration Byte
AUTH_CFG, Configuration Byte AUTH_CNT and Configuration
Byte AUTH_LIM.
Passive Wake-Up
AS3956 is able to operate NFC tag operations standalone and
fully powered by the RF field. The connected MCU can remain
in standby/sleep mode as long as its intervention is not required
by the application, in order to save power. AS3956 can be
configured to notify the MCU through a wake-up interrupt.
A number of triggering events can be selected, e.g.:
• Power up
• SELECTED state entered
• Reception of SLP_REQ command
• NFC device has updated memory content
For a complete interrupt source list, please refer to the section
Interrupt Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com