Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 44 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 44 Page - ams AG

Back Button AS3956 Datasheet HTML 40Page - ams AG AS3956 Datasheet HTML 41Page - ams AG AS3956 Datasheet HTML 42Page - ams AG AS3956 Datasheet HTML 43Page - ams AG AS3956 Datasheet HTML 44Page - ams AG AS3956 Datasheet HTML 45Page - ams AG AS3956 Datasheet HTML 46Page - ams AG AS3956 Datasheet HTML 47Page - ams AG AS3956 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 109 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
32 Byte Buffer
The AS3956 has an internal 32-byte buffer used to:
• Temporarily hold the values of the UID, SENSR1, SENSR2,
SELR which are copied from EEPROM and are used during
anti-collision
• Store data received via RF
• For data exchange between an NFC device and an MCU
connected to the AS3956
The buffer has a position pointer which is set automatically after
each successful write, read or clear operation and points to the
last byte of the data available for read/transmit.
AS3956 Communication Modes
AS3956 supports three different modes. The basic
communication mode is a standalone mode where AS3956 can
behave as a standalone NFC tag without MCU intervention. The
other two modes (Tunneling and Extended mode) represent
modification of the communication in SELECTED state. The
anti-collision process is the same for all three modes.
It is possible to change the mode of operation at any time.
In case Tunneling and Extended mode are both enabled,
Tunneling mode has priority over Extended mode.
Standalone NFC Type 2 Tag Mode
If neither of the two modes are enabled (Tunneling and
Extended mode) in IC Configuration Register 2, the tag is in
standalone mode. In this mode, all RF incoming commands
address the internal EEPROM. In this mode, it is always possible
to connect the MCU since all other functionalities of AS3956 are
not limited by the communication modes. The main purpose of
this mode is to use the AS3956 as a standalone chip or a chip
in combination with MCU where the MCU is used for managing
AS3956 configuration and memory content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com