Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 45 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 45 Page - ams AG

Back Button AS3956 Datasheet HTML 41Page - ams AG AS3956 Datasheet HTML 42Page - ams AG AS3956 Datasheet HTML 43Page - ams AG AS3956 Datasheet HTML 44Page - ams AG AS3956 Datasheet HTML 45Page - ams AG AS3956 Datasheet HTML 46Page - ams AG AS3956 Datasheet HTML 47Page - ams AG AS3956 Datasheet HTML 48Page - ams AG AS3956 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 109 page
background image
ams Datasheet
Page 45
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Tunneling Mode
Tunneling mode enables transparent data transfer between
NFC device and MCU. In this mode, the internal EEPROM cannot
be accessed via RF and any type of data received will be
forwarded to MCU when the tag is in SELECTED state. An error
during the reception will trigger a corresponding interrupt. In
this mode the MCU shall take care for the correct response. For
this purpose, the MCU may issue an ACK or a different type NAK
response using implemented commands.
By enabling this mode, the MCU can emulate NFC type 2 tags,
NFC type 4 tags, ISO14443A Level 3 cards, ISO14443A Level 4
cards, and also implement higher level protocols such as
[PHDC].
Tunneling mode can be configured by setting Configuration
Byte IC_CFG2 in EEPROM or the corresponding register
( IC Configuration Register 2).
This mode also allows access to the internal EEPROM via the SPI
/ I²C during RF communication.
The basic assumption of Tunneling mode is that MCU is
responsible for generating the response and that AS3956 takes
care of the response synchronization over RF. For this reason,
AS3956 has a possibility to transmit ACK and NACK by issuing
a direct command (see section Direct Commands). The MCU can
also transmit data by writing the data into the buffer and issuing
a Transmit command. The implementation of Tunneling mode
also requires the handling of the SLP_REQ command since all
the received data in SELECTED state are stored in the buffer and
will not be processed by AS3956. This also implies that MCU has
to take care of correct transition of the tag into SLEEP or SENSE
state by using one of the three available commands Go To Sleep,
Go To Sense and Go To Sense / Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com