Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 83 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 83 Page - ams AG

Back Button AS3956 Datasheet HTML 79Page - ams AG AS3956 Datasheet HTML 80Page - ams AG AS3956 Datasheet HTML 81Page - ams AG AS3956 Datasheet HTML 82Page - ams AG AS3956 Datasheet HTML 83Page - ams AG AS3956 Datasheet HTML 84Page - ams AG AS3956 Datasheet HTML 85Page - ams AG AS3956 Datasheet HTML 86Page - ams AG AS3956 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
ams Datasheet
Page 83
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Restart Transceiver
Resets protocol logic to its initial state except for the tag state.
This interrupts all receptions and transmissions that are being
processed at the time.
Disable/Enable Transceiver
This direct command toggles internal states which enables or
disables the reception or transmission of the data. This
command should be used when MCU wants to disable the
interruption of EEPROM write/read over SPI / I²C by the received
RF write/read command. This command shall not change the
tag state. Please note that power-up and EEPROM arbitration
interrupts are still produced when the transceiver is disabled.
The transceiver state (ON/OFF) is ON after power -up of the chip,
but after that the transceiver state can only be determined from
the initial state (ON) and the number of Disable/Enable
transceiver toggle commands that have been sent to the chip.
Transmit Buffer
This direct command trigger the transmission of data stored in
the buffer over the RF link. Before issuing a Transmit command,
the MCU shall send a Clear Buffer command, and write into the
buffer the data to be transmitted by sending a Buffer Load
command.
Execution of this direct command is only enabled when the
AS3956 antenna coil is in a PCD field (VP_INT is above HF_PON
threshold) and AS3956 Extended or Tunneling modes are
enabled.
Transmit ACK
Transmit 4-bit ACK response.
Transmit NACK 0-5
Transmit 4-bit NACK response with different NACK codes.
Go To Sleep
Puts tag in SLEEP state. Execution of this direct command is only
enabled when AS3956 antenna coil is in a NFC device field (VP_
INT is above HF_PON threshold).
Go To Sense
Puts tag in SENSE state. Execution of this direct command is
only enabled when the AS3956 antenna coil is in a NFC device
field (VP_INT is above HF_PON threshold).
Go To Sense / Sleep
Puts tag in SLEEP state depending on the internal state of the
tag. Execution of this direct command is only enabled when
AS3956 antenna coil is in a NFC device field (VP_INT is above
HF_PON threshold).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com