Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 33 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 33 Page - ams AG

Back Button AS3956 Datasheet HTML 29Page - ams AG AS3956 Datasheet HTML 30Page - ams AG AS3956 Datasheet HTML 31Page - ams AG AS3956 Datasheet HTML 32Page - ams AG AS3956 Datasheet HTML 33Page - ams AG AS3956 Datasheet HTML 34Page - ams AG AS3956 Datasheet HTML 35Page - ams AG AS3956 Datasheet HTML 36Page - ams AG AS3956 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
ams Datasheet
Page 33
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Fabrication Data FAB_CFG3
Figure 31:
Fabrication Data FAB_CFG3
Note(s):
1. This byte can be set only during production.
Reserved Bytes
The reserved bytes belong to reserved memory areas.
OTP Blocks
Write and Read Lock blocks are OTP (One Time Programmable).
This means that once they are set to 1, they cannot be set back
to 0. Since setting OTP bits is an irreversible operation, it is
strongly recommended to perform this operation in controlled
environment.
Lock Bits
The bits of byte 2 and 3 of block 02h represent the
field-programmable read-only locking mechanism called
“static lock bytes”. They are called static because their position
in memory is fixed.
When data memory is larger than 16 blocks (64 bytes), also
“dynamic lock bytes” are required. They are located starting at
address 7Ah (4kbit version). Block lock granularity is 1 block per
bit for the first 16 blocks, 2 blocks per bit for the remaining
blocks.
Lock bits are OTP, i.e. setting bits to 1b is an irreversible
operation. Bits at 0b can be set to 1b through a WRITE operation,
the result being a bit-wise OR with the current value.
Conf. Bit
Name
Default
Function
Note
b7
uid_crc<7>
CRC value calculated on UID
b6
uid_crc<6>
b5
uid_crc<5>
b4
uid_crc<4>
b3
uid_crc<3>
b2
uid_crc<2>
b1
uid_crc<1>
b0
uid_crc<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com