Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 19 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 19 Page - ams AG

Back Button AS3956 Datasheet HTML 15Page - ams AG AS3956 Datasheet HTML 16Page - ams AG AS3956 Datasheet HTML 17Page - ams AG AS3956 Datasheet HTML 18Page - ams AG AS3956 Datasheet HTML 19Page - ams AG AS3956 Datasheet HTML 20Page - ams AG AS3956 Datasheet HTML 21Page - ams AG AS3956 Datasheet HTML 22Page - ams AG AS3956 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
ams Datasheet
Page 19
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Note(s):
1. The regulated output voltage setting at 1.8V is measured with min. antenna
voltage of VLC2-LC1= 3.6V DC and the regulated voltage setting at 4.5V is
measured with a min. antenna voltage of VLC2-LC1= 5.5V DC.
Abs. accuracy at 25°C is ±150mV at 1.8V linearly increasing to ±225mV at 4.5V,
step size is 100mV ±20mV.
01100
3.1
01101
3.2
01110
3.3
01111
3.4
10000
3.5
10001
3.6
10010
3.7
10011
3.8
10100
3.9
10101
4.0
10110
4.1
10111
4.2
11000
4.3
11001
4.4
11010
4.5
11011
1.8
11100
1.8
11101
1.8
11110
1.8
11111
1.8
vreg<4:0>
Typ. Output Voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com