Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 18 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 18 Page - ams AG

Back Button AS3956 Datasheet HTML 14Page - ams AG AS3956 Datasheet HTML 15Page - ams AG AS3956 Datasheet HTML 16Page - ams AG AS3956 Datasheet HTML 17Page - ams AG AS3956 Datasheet HTML 18Page - ams AG AS3956 Datasheet HTML 19Page - ams AG AS3956 Datasheet HTML 20Page - ams AG AS3956 Datasheet HTML 21Page - ams AG AS3956 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
Energy Harvesting
AS3956 has energy harvesting capability. The regulated voltage
output pin for energy harvesting is VP_REG. The energy
harvesting is enabled only in Power Mode 0. Figure 16 shows
settings of the regulated voltage output. The AS3956 can
supply IVP_REG from VP_REG in a strong field. The current which
can be supplied by VP_REG and its output resistance will vary
with field strength, antenna class and voltage setting. The
output voltage and resistance can be set by Configuration Byte
IC_CFG1.The energy harvesting can be disabled by setting the
output resistance register to 0 as shown in Figure 15.
Figure 15:
Output Resistance Settings
Figure 16:
Regulated Voltage Output Settings
rreg<1:0>
Typ. Output
Resistance [Ω]
Comment
00b
X
Disabled – output pin
is in tristate
01b
100
10b
50
11b
25
vreg<4:0>
Typ. Output Voltage [V]
00000
1.9
00001
2.0
00010
2.1
00011
2.2
00100
2.3
00101
2.4
00110
2.5
00111
2.6
01000
2.7
01001
2.8
01010
2.9
01011
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com