Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 73 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 73 Page - ams AG

Back Button AS3956 Datasheet HTML 69Page - ams AG AS3956 Datasheet HTML 70Page - ams AG AS3956 Datasheet HTML 71Page - ams AG AS3956 Datasheet HTML 72Page - ams AG AS3956 Datasheet HTML 73Page - ams AG AS3956 Datasheet HTML 74Page - ams AG AS3956 Datasheet HTML 75Page - ams AG AS3956 Datasheet HTML 76Page - ams AG AS3956 Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
ams Datasheet
Page 73
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Immediate Slave Read
All I²C sequences for AS3956 starts with slave address and
read/write bit set to zero (write) so that MCU can send the
command byte to the AS3956. A special case is where the MCU
sets the read/write bit to one in the first byte. In this case the
AS3956 will send back the content of registers starting from
address 0x01. If the address is incremented beyond the address
space of the registers, the AS3956 will transmit back zeros. The
first returned byte by AS3956 is data value 0xFF.
Figure 74:
Immediate Slave Read
Writing and Reading EEPROM through I²C
EEPROM data can be read and written through I²C interface.
Arbitration between EEPROM accesses via the RF and SPI/I²C
interface are performed on a first-come-first-serve basis as
described in Interface Arbitration.
Block Address Byte
Both EEPROM Read and Write use Block Address byte to define
the EEPROM block address to be accessed. Seven MSB bits of
the Address Byte are used to define the address; while the last
bit is don’t-care (it is used to synchronize EEPROM access).
Figure 75:
EEPROM Block Address Byte over I²C
B7
B6
B5
B4
B3
B2
B1
B0
EEPROM Block Address
WA6
WA5
WA4
WA3
WA2
WA1
WA0
x
A
6
A
5
A
4
A
3
A
2
A
1
A
0
A
C
K
P
S
Slave address
A
C
K
SCL
SDA
N
A
K
1
11 1 1 1 1 11
0xFF
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Reg addr. 0x01
A
C
K
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Reg addr. 0x02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com