Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 29 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 29 Page - ams AG

Back Button AS3956 Datasheet HTML 25Page - ams AG AS3956 Datasheet HTML 26Page - ams AG AS3956 Datasheet HTML 27Page - ams AG AS3956 Datasheet HTML 28Page - ams AG AS3956 Datasheet HTML 29Page - ams AG AS3956 Datasheet HTML 30Page - ams AG AS3956 Datasheet HTML 31Page - ams AG AS3956 Datasheet HTML 32Page - ams AG AS3956 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
ams Datasheet
Page 29
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Memory Organization
AS3956 contains an embedded EEPROM module which can be
accessed via RF or SPI / I²C interface. EEPROM contains 4096 bits
(512 bytes) organized in 128 blocks of 4 bytes each. Blocks in
EEPROM are numbered from 00h to 7Fh. Bits in a block are
numbered from 0 to 31.
Most of the EEPROM is NFC Type 2 Tag user data area (472 bytes).
The position of the dynamic lock bits is fixed at the end of NFC
Type 2 Tag user data area (blocks 7Ah and 7Bh). The
configuration bits which define AS3956 operating options are
stored in blocks 01h, 7Ch, 7Dh, 7Eh, 7Fh. Housekeeping
information is stored in block 00h. 4kbit EEPROM organization
is shown in Figure 27.
4kbit EEPROM Organization
Numbers of dynamic lock bits:
• Data area size in bytes:
4*(127 – 3) – 7 – 17 = 472 bytes
• Number of dynamic lock bits:
(472 – 48) / 8 = 53 bits (53 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com