Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 48 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 48 Page - ams AG

Back Button AS3956 Datasheet HTML 44Page - ams AG AS3956 Datasheet HTML 45Page - ams AG AS3956 Datasheet HTML 46Page - ams AG AS3956 Datasheet HTML 47Page - ams AG AS3956 Datasheet HTML 48Page - ams AG AS3956 Datasheet HTML 49Page - ams AG AS3956 Datasheet HTML 50Page - ams AG AS3956 Datasheet HTML 51Page - ams AG AS3956 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
NFC Device to MCU Data Flow Protocol
For the data transmission from NFC device to the MCU
employing the Extended mode, a NFC WRITE shall be used. Each
data transfer from NFC device is comprised of four WRITE
commands starting from address FCh and ending at address
FFh. The protocol implemented on a NFC device is expected to
always start the data transmission at address FCh, which signals
the beginning of the communication, and end at address FFh.
Figure 46 depicts regular implementation of the Extended
mode using the WRITE commands.
Figure 46:
Address Space Employed for Communication
FCh
FDh
FEh
FFh
00h
11h
22h
33h
44h
55h
66h
77h
88h
99h
AAh
BBh
CCh
DDh
EEh
FFh
Address space used for communication in
extended mode
...
...
WRITE FCh,00112233h
ACK, rf_busy = 1,
IRQ RX start = 1
WRITE FDh,44556677h
ACK, rf_data_rdy = 1,
IRQ RX end = 1
WRITE FEh,8899AABBh
WRITE hFF,CCDDEEFFh
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com