Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 12 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 12 Page - ams AG

Back Button AS3956 Datasheet HTML 8Page - ams AG AS3956 Datasheet HTML 9Page - ams AG AS3956 Datasheet HTML 10Page - ams AG AS3956 Datasheet HTML 11Page - ams AG AS3956 Datasheet HTML 12Page - ams AG AS3956 Datasheet HTML 13Page - ams AG AS3956 Datasheet HTML 14Page - ams AG AS3956 Datasheet HTML 15Page - ams AG AS3956 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Electrical Characteristics
Note(s):
1. ILC is the current flowing through LC1 and LC2 pins. Exposure to very strong RF fields which produce currents as high as ILC=30mA
for an extended period of time may damage the device.
2. Internal supply current measured over VP_IO pin, by forcing internal digital supply to 2.0V, and applying 13.56 MHz alternative
pulses with amplitude 3.0Vpp to LC1 and LC2.
3. See Figure 11.
4. See Figure 12.
Figure 11:
EEPROM Endurance Over Temperature
EEEN
EEPROM endurance
100 000
cycles
@ 125°C (3)
EERET
EEPROM retention
10
years
@ 125°C (4)
tVP_IO_DD
VP_IO deactivation delay
0.45
ms
Symbol
Parameter
Min
Typ
Max
Unit
Note
0
500,000
1,000,000
1,500,000
2,000,000
2,500,000
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
Temperature [°C]
Endurance EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com