Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 22Page - Infineon Technologies AG TLE6211 Datasheet HTML 23Page - Infineon Technologies AG TLE6211 Datasheet HTML 24Page - Infineon Technologies AG TLE6211 Datasheet HTML 25Page - Infineon Technologies AG TLE6211 Datasheet HTML 26Page - Infineon Technologies AG TLE6211 Datasheet HTML 27Page - Infineon Technologies AG TLE6211 Datasheet HTML 28Page - Infineon Technologies AG TLE6211 Datasheet HTML 29Page - Infineon Technologies AG TLE6211 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
26
2002-08
Any watchdog high or low time above 15 ms influences the enable (EN) and the VR
output.If the time after the last watchdog edge exceeds 120 clock cycles - typical
120 ms- an error flag is set. This flag can only be removed by powering down the IC.
Figure 10
Missing watchdog signals for more than 120 * tCLK (typ. 120ms) sets
the failure register
An integrated pull-up resistor to
UST in the WD1 and WD2 inputs ensures to detect a
permanent logic High in case the input is open.
1
0
1
0
1
0
10ms
WD1
WD2
EN
(15+3) * t
CLK
1
0
112 * t
CLK + Delay = 112 * tCLK+ 3 * tCLK )
Counter reset
16 * t
CLK
1
0
set error flag
set-error-flag
AD 03/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com