Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 8Page - Infineon Technologies AG TLE6211 Datasheet HTML 9Page - Infineon Technologies AG TLE6211 Datasheet HTML 10Page - Infineon Technologies AG TLE6211 Datasheet HTML 11Page - Infineon Technologies AG TLE6211 Datasheet HTML 12Page - Infineon Technologies AG TLE6211 Datasheet HTML 13Page - Infineon Technologies AG TLE6211 Datasheet HTML 14Page - Infineon Technologies AG TLE6211 Datasheet HTML 15Page - Infineon Technologies AG TLE6211 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
12
2002-08
4.5
Enable-Output EN
The open collector enable output EN informs the system about any error condition. Any
error except a detected supply under-voltage will set the EN output Low. Of cause for
long under-voltage at the supply line, soon the
UST output capacitor will be discharged
and this will cause
UST under-voltage and therefore EN Low. The time depends on the
load and the output capacitor. The EN is an open collector output. It is short circuit
protected to
UST.
After power up when the first watchdog edges at WD1 a WD2 are detected the Enable
output is switched into High state.
Characteristics EN Output
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Symbol
Limit Values
Unit
Conditions
min.
typ.
max.
4.5.1 Output Low voltage
UL
–
–
–
–
0.4
0.2
V
V
IL £ 10 mA
IL £ 1 mA
4.5.2 Reverse current
IR
––5
mA
UEN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com