Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 16Page - Infineon Technologies AG TLE6211 Datasheet HTML 17Page - Infineon Technologies AG TLE6211 Datasheet HTML 18Page - Infineon Technologies AG TLE6211 Datasheet HTML 19Page - Infineon Technologies AG TLE6211 Datasheet HTML 20Page - Infineon Technologies AG TLE6211 Datasheet HTML 21Page - Infineon Technologies AG TLE6211 Datasheet HTML 22Page - Infineon Technologies AG TLE6211 Datasheet HTML 23Page - Infineon Technologies AG TLE6211 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
20
2002-08
4.9.2
Under- and Overvoltage Reset Behavior
Figure 4
Characteristics Supervision of
UZP, UST
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Symbol
Limit Values
Unit
Conditions
min.
typ.
max.
UZP-Undervoltage
4.9.1
UZP undervoltage
threshold
UZPU
5.2
5.3
5.4
V
UST off
4.9.2
UZP undervoltage
hysteresis
UH
20
–
50
mV
UZPU(ON) =
UZPU(OFF) + UH
1)
UZP-Overvoltage
4.9.3
UZP overvoltage
threshold
UZUE
18.75 19.5
20.25 V
Outputs NSILA,
VR, MR,
UST off
UZP
12V
5.3V
t
UST
5V
4.6V
t
t
t
RES1
RES2
52ms
5V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com