Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 27Page - Infineon Technologies AG TLE6211 Datasheet HTML 28Page - Infineon Technologies AG TLE6211 Datasheet HTML 29Page - Infineon Technologies AG TLE6211 Datasheet HTML 30Page - Infineon Technologies AG TLE6211 Datasheet HTML 31Page - Infineon Technologies AG TLE6211 Datasheet HTML 32Page - Infineon Technologies AG TLE6211 Datasheet HTML 33Page - Infineon Technologies AG TLE6211 Datasheet HTML 34Page - Infineon Technologies AG TLE6211 Datasheet HTML 35Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
TLE 6210
TLE 6211
Revision History
V1.2 Data Sheet
33
2002-08
Version
Date
Major Changes
V0.0
2002-08 Advanced Information Data Sheet TLE 6210, TLE 6211
Device is a replacement of the TLE 5200/TLE 5201 with the
following deviations form the specification from 1998-01-21.
Devices are only available in the P-DSO-20-12 package or as bare
dice
The data sheet structure was changed and some chapters where
moved. Parameter reference numbers are changed now:
TLE 5200/01
TLE 6210/11
• Control input SIA
1.x
4.8.x
• Control input MRA
1.x
4.7.x
• Enable
2.x
4.5.x
• Reset outputs
3.x
4.10.x
• SILA/NSILA
4.x
4.8.x
• VR
5.x
4.6.x
• MR
5.x
4.7.x
• Voltage supervision
6.x
4.9.x
• Oscillator
7.x
4.2.x
• Watchdog
8.x
4.11.x
• Charge Pump
9.x
4.3.x
• 5 V Regulator
10.x
4.4.x
• General information
10.x
4.1.x
Absolute Maximum Ratings:
Digital I/Os (reference M6, M7, M8) changed to -0.5 to 7 V
V0.1
2001-11 Update truth table
V0.2
2002-04 increase error flag detection time tFSP from 112 clock cycles to 120
clock cycles (parameter 4.11.8)
Add of logic block diagram (figure 12) and watchdog timing
diagrams (figure 5 to 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com