Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6211 Datasheet HTML 1Page - Infineon Technologies AG TLE6211 Datasheet HTML 2Page - Infineon Technologies AG TLE6211 Datasheet HTML 3Page - Infineon Technologies AG TLE6211 Datasheet HTML 4Page - Infineon Technologies AG TLE6211 Datasheet HTML 5Page - Infineon Technologies AG TLE6211 Datasheet HTML 6Page - Infineon Technologies AG TLE6211 Datasheet HTML 7Page - Infineon Technologies AG TLE6211 Datasheet HTML 8Page - Infineon Technologies AG TLE6211 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
V1.2 Data Sheet
1
2002-08
ABS System IC
TLE 6210
TLE 6211
P-DSO-20-10, -12, -16
1Overview
1.1
Features
• 5 V, 800 mA linear regulator
• Undervoltage/overvoltage reset
• Undervoltage and overvoltage logout
• Digital watchdog supervision for 2 Microcontrollers
• (motor) relay driver
• (valve) relay driver
• Inverted or non inverted lamp relay driver
• Enable output
• Overtemperature and overcurrent protection
1.2
Functional Description
The TLE 6210 and TLE 6211 are integrated circuit consisting of a 5 V voltage regulator
with 800 mA current capability, different relay driver outputs and supervision logic. The
supervision logic watches the input voltage and the regulator output voltage both for
over-voltage and under-voltage. In addition two window watchdogs supervise the correct
operation of 2 independent watchdog signals, e.g. from two Microcontrollers.
The TLE 6210 and TLE 6211 are designed especially for the severe conditions of ABS/
ASR applications in an automotive environment.
Type
Ordering code
Package/Shipment
TLE 6210 C
on request
Bare dice
TLE 6210 G
on request
P-DSO-20-12, Tape and
Reel
TLE 6211 G
on request
P-DSO-20-12, Tape and
Reel


Similar Part No. - TLE6211

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6212 INFINEON-TLE6212 Datasheet
88Kb / 4P
System-IC for ABS/TC/ESC
Rev. 1, Oct. 2008
TLE6214L INFINEON-TLE6214L Datasheet
344Kb / 17P
Smart Dual Current Sense Switch
25.06.2003
TLE6214L INFINEON-TLE6214L Datasheet
766Kb / 22P
Smart Dual Current Sense Switch
V3.0 18.10.2004
TLE6214L INFINEON-TLE6214L_04 Datasheet
766Kb / 22P
Smart Dual Current Sense Switch
V3.0 18.10.2004
TLE6215G INFINEON-TLE6215G Datasheet
268Kb / 12P
Smart Two Channel Low-Side Switch
V5 28.04.2002
More results

Similar Description - TLE6211

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2102 NJRC-NJM2102 Datasheet
314Kb / 11P
SYSTEM RESET IC
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
KODENSHI_AUK CORP.
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
System Reset IC
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
System Reset IC
logo
Infineon Technologies A...
TLE6212 INFINEON-TLE6212 Datasheet
88Kb / 4P
System-IC for ABS/TC/ESC
Rev. 1, Oct. 2008
logo
STMicroelectronics
UM0546 STMICROELECTRONICS-UM0546 Datasheet
300Kb / 18P
Evaluation board for ABS valve drivers system
17-Sep-2013
UM0547 STMICROELECTRONICS-UM0547 Datasheet
215Kb / 13P
evaluation board for ABS valve drivers system
17-Sep-2013
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
System Reset IC
logo
Toshiba Semiconductor
TC7739FTG TOSHIBA-TC7739FTG Datasheet
906Kb / 39P
System power IC
2016-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com