Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 12Page - Infineon Technologies AG TLE6211 Datasheet HTML 13Page - Infineon Technologies AG TLE6211 Datasheet HTML 14Page - Infineon Technologies AG TLE6211 Datasheet HTML 15Page - Infineon Technologies AG TLE6211 Datasheet HTML 16Page - Infineon Technologies AG TLE6211 Datasheet HTML 17Page - Infineon Technologies AG TLE6211 Datasheet HTML 18Page - Infineon Technologies AG TLE6211 Datasheet HTML 19Page - Infineon Technologies AG TLE6211 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
16
2002-08
4.8
Error Lamp Output SILA and Lamp Relay Output NSILA
The SILA output is a 300 mA open collector output. It is available in the TLE 6210 G.
SILA is a self-on output: It is switched on if the supply voltage is missing. The
TLE 6211 G is equipped with the logically inverted NSILA output. NSILA is a 30 mA open
collector output. It is intended to drive the lamp relay. In the dice version TLE 6211 C
both outputs can be used.
Both SILA and NSILA are intended to control a warning lamp. The output is controlled
by the internal supervision logic and control signal at the SIA pin.
A logic High at the SIA input switches SILA off and NSILA on.
The supervision logic will switch on SILA if a watchdog timing violation is detected or the
output voltage
UST is out of range. Table 1 on Page 19 and Table 2 on Page 28 give an
overview on the different errors.
The SILA output is equipped with its own overtemperature protection.
Characteristics Lamp Driver Output SILA
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.8.1 Saturation voltage
USILA –
–
–
–
2.5
2.5
V
I = 300 mA; UZP ³ 6 V
I = 300 mA; UZP = 0 V
4.8.2 Overload detection
current
IK
300
––mA
–
4.8.3 Output leakage
current
IR
–
–
–
–
0.1
4
mA
mA
USILA £ 16 V
16 V < USILA < 42 V
4.8.4 Threshold voltage for
automatic ON
UZP
1–
4.7
V
USILA £ 2.5 V;
I = 300 mA
4.8.5 Overtemperature
shutdown threshold
TK
150
–
–
°C
UZP ³ 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com