Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 20Page - Infineon Technologies AG TLE6211 Datasheet HTML 21Page - Infineon Technologies AG TLE6211 Datasheet HTML 22Page - Infineon Technologies AG TLE6211 Datasheet HTML 23Page - Infineon Technologies AG TLE6211 Datasheet HTML 24Page - Infineon Technologies AG TLE6211 Datasheet HTML 25Page - Infineon Technologies AG TLE6211 Datasheet HTML 26Page - Infineon Technologies AG TLE6211 Datasheet HTML 27Page - Infineon Technologies AG TLE6211 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
24
2002-08
The logic expects the time between two clock edges between 3 and 15 clock-cycles. If
this window is not met, the outputs VR, MR and NSILA are switched off, SILA is switched
on and the enable output goes low.
An internal counter ( seeFigure 12) includes a 4 bit counter. Each time the value 15 is
reached a dominant counter reset signal is generated at the output "=15". This pulse is
generated continuously at
t = (15+3) T1 + n * (16*T1)
after the last valid watchdog pulse was detected.
When internal resets and watchdog edges occur at the same time, the internal reset is
dominant.
Figure 7
Missing watchdog signals cause EN low
1
0
1
0
1
0
15* t
CLK + Delay =
15* t
CLK + 3* tCLK
10ms
WD1
WD2
EN
Delay (3* t
CLK)
t > 16 *t
CLK
wd-controls-en-2
AD 04/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com