Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 13Page - Infineon Technologies AG TLE6211 Datasheet HTML 14Page - Infineon Technologies AG TLE6211 Datasheet HTML 15Page - Infineon Technologies AG TLE6211 Datasheet HTML 16Page - Infineon Technologies AG TLE6211 Datasheet HTML 17Page - Infineon Technologies AG TLE6211 Datasheet HTML 18Page - Infineon Technologies AG TLE6211 Datasheet HTML 19Page - Infineon Technologies AG TLE6211 Datasheet HTML 20Page - Infineon Technologies AG TLE6211 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
17
2002-08
4.8.1
Control Input SIA
The logic inputs SIA expect TTL-type signals from a
m-controller with 5 V I/Os. An
integrated pull-up resistor ensures that an open input is read High.
Characteristics Lamp-Relay Driver Output NSILA
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.8.6 On state resistance
RDSon ––
33
W
Tj = 150 °C; I = 30 mA;
UZP ³ 7 V
4.8.7 Overload detection
current
IK
30
––mA
–
4.8.8 Output leakage
current
IR
––
10
mA
UNSILA £ 42 V
Characteristics Control Inputs SIA
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.8.9
Internal pull-up
resistor to
UST
RWD
10
20
40
k
W
0 V
£ UE £ UST + 0.3 V
4.8.10 Input voltage Low
UL
-0.3
–
1.0
V
–
4.8.11 Input voltage High
UH
2.0
–
UST
+ 1.0
V–
4.8.12 Input current
IH
––
|5|mA
UE = UST
––
1.0
mA
UST < UE £ UST + 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com