Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 10Page - Infineon Technologies AG TLE6211 Datasheet HTML 11Page - Infineon Technologies AG TLE6211 Datasheet HTML 12Page - Infineon Technologies AG TLE6211 Datasheet HTML 13Page - Infineon Technologies AG TLE6211 Datasheet HTML 14Page - Infineon Technologies AG TLE6211 Datasheet HTML 15Page - Infineon Technologies AG TLE6211 Datasheet HTML 16Page - Infineon Technologies AG TLE6211 Datasheet HTML 17Page - Infineon Technologies AG TLE6211 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
14
2002-08
4.7
Motor Relay Driver
The motor relay driver MR is controlled by the MRA input signal and the internal control
logic. A logic High at the MRA input switches the MR low side switch on, a logic Low
signal switches it off. However the supervision logic overrules the MRA input condition.
Please see also Table 1 on Page 19 and Table 2 on Page 28.
The output is an open collector output and can sink up to 500 mA. It is protected against
overtemperature and overcurrent and short circuit prove to
UZ. Even the output is
switched off by the supervision logic at
UZP overvoltage externally a free wheeling diode
is required to protect the output against switching off inductive loads.
Characteristics Relay Driver Output MR
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.7.1 Saturation Voltage
UDS
––1.2
V
Rlast ³ 35 W; IL £ 0.5 A;
6 V
£ UZP £ 16 V
4.7.2 On state resistance
RDSon ––2.4
W
Tj = 150 °C; IL = 0.5 A;
UZP = 6 V
4.7.3 Overload detection
current
IK
500
–
–
mA
–
4.7.4 Output leakage
current
IR
–
–
–
–
0.5
2
mA
mA
UA £ 16 V
16 V < UA £ 60 V
4.7.5 Overtemperature
shutdown threshold
TK
150
–
–
°C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com