Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 6Page - Infineon Technologies AG TLE6211 Datasheet HTML 7Page - Infineon Technologies AG TLE6211 Datasheet HTML 8Page - Infineon Technologies AG TLE6211 Datasheet HTML 9Page - Infineon Technologies AG TLE6211 Datasheet HTML 10Page - Infineon Technologies AG TLE6211 Datasheet HTML 11Page - Infineon Technologies AG TLE6211 Datasheet HTML 12Page - Infineon Technologies AG TLE6211 Datasheet HTML 13Page - Infineon Technologies AG TLE6211 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
10
2002-08
4.4
Voltage Regulator
The 5 V low drop linear regulator can supply up to 800 mA current. The regulator
requires an output capacitor. The linear regulator is equipped with overcurrent protection
and its own overtemperature protection. The linear element consists of 2 anti-serial
DMOS transistors. In case of low input supply voltage this avoids discharging of the
output capacitor.
The output voltage
UST is supervised for over- and undervoltage. UST output has to be
connected externally to the sense input
USTS. If over- or undervoltage condition is
detected the Reset outputs RES1 and RES2 are logical low. For a detailed description
of the reset logic please see Chapter 4.9.
Characteristics Voltage Regulator
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit
Conditions
min.
typ.
max.
4.4.1
Nominal output
voltage
UST
4.95
4.925
5.00
5.00
5.05
5.075
V
V
UZP = 14 V; IST = 400 mA;
Output capacitor as defined in
4.4.11
;
on wafer level T
j = 25 °C
P-DSO-20-12
4.4.2
UST load current IST
–
–
800
mA
–
4.4.3
Line variation
DUST
––
|50|
mV
Tj = 25 °C; 6.0 V £ UZP £ 18 V;
IST = 600 mA; capacitor as
defined in 4.4.11;
d
UZ/dt < 1 V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com