Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 7Page - Infineon Technologies AG TLE6211 Datasheet HTML 8Page - Infineon Technologies AG TLE6211 Datasheet HTML 9Page - Infineon Technologies AG TLE6211 Datasheet HTML 10Page - Infineon Technologies AG TLE6211 Datasheet HTML 11Page - Infineon Technologies AG TLE6211 Datasheet HTML 12Page - Infineon Technologies AG TLE6211 Datasheet HTML 13Page - Infineon Technologies AG TLE6211 Datasheet HTML 14Page - Infineon Technologies AG TLE6211 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
11
2002-08
4.4.4
Load variation
DUST
––
|50|
mV
Tj = 25 °C; UZP = 14 V;
0 mA
£ IST £ 800 mA;
capacitor as defined in 4.4.11;
d
IST/dt £ 1 mA/ms
4.4.5
Temperature
variation
DUST
–
|50||100|
mV
UZP = 14 V; IST = ISTmax;
-40
°C £ Tj £ 150 °C;
capacitor as defined in 4.4.11;
for die mounted in a hybrid:
d
TU/dt £ 10 K/s
for P-DSO-20-12:
d
TG/dt £ 5 K/min.
4.4.6
Long time drift
DUST
––
|50|
mV
UZP £ UZPmax.;
0 mA
£ IST £ ISTmax.;
-40
°C £ Tj £ 150 °C;
tb = 10000 h, see conditions
M13.
4.4.7
Overall output
voltage tolerance
UST
4.75
5.00
5.25
V
all parameters from 4.4.1 to
4.4.6
4.4.8
Power Supply
ripple rejection
DUSTss ––
|25|
mV
0 Hz
£ fUST £ 10 kHz;
capacitor as defined in 4.4.11;
7 V
£ UZP £ 24 V
4.4.9
Series Resistor
RDSon
–
–
–
–
1.7
2.7
W
W
Tj = 25 °C
Tj = 150 °C
UCP > 15 V; UZP = 6 V;
IST = 800 mA
4.4.10
Maximum output
current (output
shorted)
IK
0.8
–
1.6
A
UCP > 15 V; UST = 0 V;
4.5 V
£ UZP £ 18 V
4.4.11
Load capacitor at
output
UST
CUST
3.3
–
150
mF
TU = 20 °C; UN = 25 V;
Type ETQW Roederstein
Z
–4–
W
f = 100 kHz; TU = 20 °C
4.4.12
UST off voltage
USTRest –
–
400
mV
IST = 0 mA
4.4.13
Clamping
voltage
UZST
5.5
–
7
V
clamping voltage at
I = 100 mA
Characteristics Voltage Regulator (cont’d)
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit
Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com