Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 27Page - Infineon Technologies AG TLE6211 Datasheet HTML 28Page - Infineon Technologies AG TLE6211 Datasheet HTML 29Page - Infineon Technologies AG TLE6211 Datasheet HTML 30Page - Infineon Technologies AG TLE6211 Datasheet HTML 31Page - Infineon Technologies AG TLE6211 Datasheet HTML 32Page - Infineon Technologies AG TLE6211 Datasheet HTML 33Page - Infineon Technologies AG TLE6211 Datasheet HTML 34Page - Infineon Technologies AG TLE6211 Datasheet HTML 35Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
TLE 6210
TLE 6211
Revision History
V1.2 Data Sheet
34
2002-08
Integrated protection functions are designed to prevent IC destruction under fault
conditions described in the data sheet. Fault conditions are considered as “outside”
normal operating range. Protection functions are not designed for continuous repetitive
operation.
Characteristics show the deviation of parameter at the given supply voltage and junction
temperature. Typical values show the typical parameters expected from manufacturing.
V1.0
2002-07 Data sheet
Remove pad / chip information from the datasheet
ESD value SILA, MR, VR,UZP 4kV
Update typ. value 4.3.3
Extend and correct block description at chapters 4.4; 4.6; 4.7; 4.8
Table 1: SILA function at overtemperature changed
Table 2: timings as a function of tCLK
Figure 11, t3: corect timing
Chapter 4.11: Extend description; add figure 12: Detection of
watchdog edges
Appplciation diagram: replace free wheeling zener diodes at MR
and VR relay by normal diodes.
V1.1
2002-07 change device suffixes:
bare dice: TLE621x C
packaged: TLE621x G
V1.2
2002-08 Table 1 and text chapter 4.8: correct NSILA at overvoltage
Change long term drift 4.4.6 to 10000h
Add a more detailed description to figure 12.
Version
Date
Major Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com