Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 23Page - Infineon Technologies AG TLE6211 Datasheet HTML 24Page - Infineon Technologies AG TLE6211 Datasheet HTML 25Page - Infineon Technologies AG TLE6211 Datasheet HTML 26Page - Infineon Technologies AG TLE6211 Datasheet HTML 27Page - Infineon Technologies AG TLE6211 Datasheet HTML 28Page - Infineon Technologies AG TLE6211 Datasheet HTML 29Page - Infineon Technologies AG TLE6211 Datasheet HTML 30Page - Infineon Technologies AG TLE6211 Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
27
2002-08
Characteristics WD1, WD2
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit
Conditions
min.
typ.
max.
4.11.1 Internal pullup
resistor to
UST
RWD 10
20
40
k
W
0 V
£ UE £ UST + 0.3 V
4.11.2 Input voltage Low
UL
-0.3
–
1.0
V
–
4.11.3 Input voltage High
UH
2.0
–
UST
+ 1.0
V–
4.11.4 Input current
IH
––
|5|mA
UE = UST
––1.0
mA
UST < UE £ UST + 1 V
Characteristics Watchdog
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit
Conditions
min. typ.
max.
4.11.5 Release
reaction time
tON
1–
2
´ tCLK Number of valid Watchdog
input clock edges
4.11.6 Closed
window time
tpulse –
2.25
1.8
3
3
3
–
3.3
3.3
´ tCLK
ms
ms
The distance between
clock edges is at least
tpulse
equals:
periodically
pulse
4.11.7 Open
window time
tVR
–
13.5
15
15
–
17.6
´ tCLK
ms
if the edge distance
Dt > tVR, VR is switched off
equals
4.11.8 Error flag
detection
tFSP
–
108
120
120
–
132
´ tCLK
ms
if
Dt > tFSP, the error flag is
set.
equals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com