Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6211 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6211
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6211 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6211 Datasheet HTML 3Page - Infineon Technologies AG TLE6211 Datasheet HTML 4Page - Infineon Technologies AG TLE6211 Datasheet HTML 5Page - Infineon Technologies AG TLE6211 Datasheet HTML 6Page - Infineon Technologies AG TLE6211 Datasheet HTML 7Page - Infineon Technologies AG TLE6211 Datasheet HTML 8Page - Infineon Technologies AG TLE6211 Datasheet HTML 9Page - Infineon Technologies AG TLE6211 Datasheet HTML 10Page - Infineon Technologies AG TLE6211 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TLE 6210
TLE 6211
Electrical Characteristics
V1.2 Data Sheet
7
2002-08
Within the functional range the device works according to the functional description.
However parameters may exceed the values given in the Characteristics.
3.2
Functional Range
#
Parameter
Sym-
bol
Limit Values
Unit
Conditions
min.
typ.
max.
F1
Supply voltage
UZP
4.5
14.0
18
V
–
–
–
26.5
V
t < 5 min.
––
4.5
V
UST £ 0.3 V;
Reset = Low;
Enable = Low;
VR and MR off
F2
Input
capacitor
CUZP 0.33
3.3
–
mF
TU = 20 °C
UN = 63 V
Typ. = MKT
F3
F4
Case Temperature
TC
-40
–
125
°C
P-DSO-20-12
Junction
Temperature
Tj
-40
–
–
–
150
175
°C
°C
life time
short time1)
F5
Thermal resistance
junction-ambient
Rthja
–
40
–
K/W
P-DSO-20-12
minimum footprint
F6
Thermal resistance
junction-case
Rthjc
–
–
2.4
K/W
P-DSO-20-12
1) Parameter may deviate in the temperature range T
j = 150 °C … 175 °C
Total operation time max. 50 h for temperature range
Tj > 150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com