Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 21Page - Renesas Technology Corp ISL97635A Datasheet HTML 22Page - Renesas Technology Corp ISL97635A Datasheet HTML 23Page - Renesas Technology Corp ISL97635A Datasheet HTML 24Page - Renesas Technology Corp ISL97635A Datasheet HTML 25Page - Renesas Technology Corp ISL97635A Datasheet HTML 26Page - Renesas Technology Corp ISL97635A Datasheet HTML 27Page - Renesas Technology Corp ISL97635A Datasheet HTML 28Page - Renesas Technology Corp ISL97635A Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 29 of 29
Sep 26, 2017
Package Outline Drawing
L24.4x4D
24 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 3, 11/13
0 . 90 ± 0 . 1
5
C
0 . 2 REF
TYPICAL RECOMMENDED LAND PATTERN
0 . 05 MAX.
( 24X 0 . 6 )
DETAIL "X"
( 24X 0 . 25 )
0 . 00 MIN.
( 20X 0 . 5 )
(
2 . 50 )
SIDE VIEW
( 3 . 8 TYP )
BASE PLANE
4
TOP VIEW
BOTTOM VIEW
7
12
24X 0 . 4 ± 0 . 1
13
PIN 1
18
INDEX AREA
24
19
4.00
2.5
0.50
20X
4X
SEE DETAIL "X"
- 0 . 05
+ 0 . 07
24X 0 . 23
2.45 (+ 0.10mm)
PIN #1 CORNER
(C 0 . 25)
1
SEATING PLANE
0.08 C
0.10 C
C
0.10 M C A B
A
B
(4X)
0.15
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
(- 0.15mm)
For the most recent package outline drawing, see L24.4x4D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com