Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 18Page - Renesas Technology Corp ISL97635A Datasheet HTML 19Page - Renesas Technology Corp ISL97635A Datasheet HTML 20Page - Renesas Technology Corp ISL97635A Datasheet HTML 21Page - Renesas Technology Corp ISL97635A Datasheet HTML 22Page - Renesas Technology Corp ISL97635A Datasheet HTML 23Page - Renesas Technology Corp ISL97635A Datasheet HTML 24Page - Renesas Technology Corp ISL97635A Datasheet HTML 25Page - Renesas Technology Corp ISL97635A Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 22 of 29
Sep 26, 2017
Identification Register (0x03)
The ID register contains three bit fields to denote the LED driver
(always set to 1), manufacturer and the silicon revision of the
controller IC. The bit field widths allow up to 16 vendors with up to
eight silicon revisions each. In order to keep the number of silicon
revisions low, the revision field will not be updated unless the part
will make it out to the user’s factory. Thus, if during the
engineering development process three Silicon spins were needed,
the next available revision ID would be used for all three spins until
that same ID made it to the factory. Except Bit 7 which has to be 1,
all of the bits in this register are read-only.
• Vendor ID 9 represents Intersil Corp.
• Default value for register 0x03 is 0xC8.
The initial value of REV shall be 0. Subsequent values of REV will
increment by 1.
REGISTER 0x03
ID REGISTER
LED PANEL
MFG3
MFG2
MFG1
MFG0
REV2
REV1
REV0
Bit 7 = 1
Bit 6 (R)
Bit 5 (R)
Bit 4 (R)
Bit 3 (R)
Bit 2 (R)
Bit 1 (R)
Bit 0 (R)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
MFG[3..0]
= Manufacturer ID. See “Identification Register
(0x03)” on page 22.
data 0 to 8 in decimal correspond to other vendors
data 9 in decimal represents Intersil ID
data 10 to 14 in decimal are reserved
data 15 in decimal Manufacturer ID is not
implemented
REV[2..0]
= Silicon rev (Rev 0 through Rev 7 allowed for silicon
spins)
FIGURE 27. DESCRIPTIONS OF ID REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com