Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL97635A Datasheet HTML 1Page - Renesas Technology Corp ISL97635A Datasheet HTML 2Page - Renesas Technology Corp ISL97635A Datasheet HTML 3Page - Renesas Technology Corp ISL97635A Datasheet HTML 4Page - Renesas Technology Corp ISL97635A Datasheet HTML 5Page - Renesas Technology Corp ISL97635A Datasheet HTML 6Page - Renesas Technology Corp ISL97635A Datasheet HTML 7Page - Renesas Technology Corp ISL97635A Datasheet HTML 8Page - Renesas Technology Corp ISL97635A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 5 of 29
Sep 26, 2017
Absolute Maximum Ratings (T
A = +25°C)
Thermal Information
VIN, FAULT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 24V
VDC, COMP, RSET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
SMBCLK, SMBDAT, FPWM, PWMO, EN/PWM . . . . . . . . . . . . . -0.3V to 6.5V
OVP, IIN0 - IIN5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
LX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 36V
PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Above voltage ratings are all with respect to GND pin
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical, Notes 1, 2)
JA (°C/W) JC (°C/W)
24 Ld QFN . . . . . . . . . . . . . . . . . . . . . . . . . . .
39
2
Thermal Characterization (Typical, Note 3)PSIJT (°C/W)
24 Ld QFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
~0.7
Maximum Continuous Junction Temperature . . . . . . . . . . . . . . . . .+125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. Refer to
TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside assumed under ideal case temperature.
3. PSIJT is the junction-to-top thermal resistance. If the package top temperature can be measured, with this rating then the die junction temperature
can be estimated more accurately than the
JC and JC thermal resistance ratings.
Electrical Specifications All specifications below are tested at T
A = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ, unless
otherwise noted. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNIT
GENERAL
Backlight Supply Voltage
VIN
 9 LEDs per channel (3.5V/30mA type)
6
24
V
VIN Shutdown Current
IVIN_STBY
5
µA
Output Voltage
VOUT
34.5
V
Undervoltage Lockout Threshold
VUVLO
2.45
2.8
V
Undervoltage Lockout Hysteresis
VUVLO_HYS
300
mV
REGULATOR
LDO Output Voltage
VDC
VIN >6V
5.0
5.5
V
Standby Current
IVDC_STBY
EN/PWM = 0V
20
µA
Active Current
IVDC
EN/PWM = 5V
10
mA
VDC LDO Dropout Voltage
VLDO
VIN > 5.5V, 30mA
30
200
mV
Soft-Start
SS
1
ms
Minimum Enable Signal
ENmin
40
µs
BOOST
Boost FET Current Limit
SWILimit
TA = +25°C
2.3
3.2
A
TA = -40°C to +85°C
2.2
A
Internal Boost Switch ON-Resistance
rDS(ON)
130
260
mΩ
Peak Efficiency
Eff_peak
VIN = 18V, 54 LEDs, 20mA each, L = 8.2µH
with DCR 106mΩ
TA = +25°C
91
%
VIN = 12V, 54 LEDs, 20mA each, L = 8.2µH
with DCR 106mΩ
TA = +25°C
88
%
VIN = 6V, 54 LEDs, 20mA each, L = 8.2µH
with DCR 106mΩ
TA = +25°C
86
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com