Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 14Page - Renesas Technology Corp ISL97635A Datasheet HTML 15Page - Renesas Technology Corp ISL97635A Datasheet HTML 16Page - Renesas Technology Corp ISL97635A Datasheet HTML 17Page - Renesas Technology Corp ISL97635A Datasheet HTML 18Page - Renesas Technology Corp ISL97635A Datasheet HTML 19Page - Renesas Technology Corp ISL97635A Datasheet HTML 20Page - Renesas Technology Corp ISL97635A Datasheet HTML 21Page - Renesas Technology Corp ISL97635A Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 18 of 29
Sep 26, 2017
SMBus Register Definitions
The backlight controller registers are Byte wide and accessible
via the SMBus Read/Write Byte protocols. Their bit assignments
are provided in the following sections with reserved bits
containing a default value of “0”.
TABLE 2A. REGISTER LISTING
ADDRESS
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DEFAULT
VALUE
SMBUS
PROTOCOL
0x00
PWM
Brightness
Control
Register
BRT7
BRT6
BRT5
BRT4
BRT3
BRT2
BRT1
BRT0
0xFF
Read and Write
0x01
Device Control
Register
Reserved Reserved Reserve
d
Reserved Reserved PWM_MD PWM_SEL
BL_CTL
0x00
Read and Write
0x02
Fault/Status
Register
Reserved Reserved 2_CH_S
D
1_CH_SD BL_STAT OV_CURR THRM_SHDN FAULT
0x00
Read Only
0x03
Identification
Register
LED
PANEL
MFG3
MFG2
MFG1
MFG0
REV2
REV1
REV0
0xC8
Read Only
0x07
DC Brightness
Control
Register
BRTDC7
BRTDC6
BRTDC5
BRTDC4
BRTDC3
BRTDC2
BRTDC1
BRTDC
0
0xFF
Read and Write
0x08
Configuration
Register
Reserved Reserved Reserve
d
Reserved Reserved FSW
VSC1
VSC0
0xXF
Read and Write
0x09
Output
Channel
Register
Reserved Reserved CH5
CH4
CH3
CH2
CH1
CH0
0xFF
Read and Write
TABLE 2B. DATA BIT DESCRIPTIONS
ADDRESS
REGISTER
DATA BIT DESCRIPTIONS
0x00
PWM Brightness Control Register
BRT[7..0] = 256 steps of DPWM duty cycle brightness control
0x01
Device Control Register
PWM_MD = PWM mode select bit (1 = absolute brightness, 0 = % change), default = 0
PWM_SEL = Brightness control select bit (1 = control by PWMI, 0 = control by SMBus), default = 0
BL_CTL = BL On/Off (1 = On, 0 = Off), default = 0
0x02
Fault/Status Register
2_CH_SD = Two LED output channels are shutdown (1 = shutdown, 0 = OK)
1_CH_SD = One LED output channel is shutdown (1 = shutdown, 0 = OK)
BL_STAT = BL status (1 = BL On, 0 = BL Off)
OV_CURR = Input overcurrent (1 = Overcurrent condition, 0 = Current OK)
THRM_SHDN = Thermal Shutdown (1 = Thermal fault, 0 = Thermal OK)
FAULT = Fault occurred (Logic “OR” of all of the fault conditions)
0x03
Identification Register
MFG[3..0] = Manufacturer ID (16 vendors available. Intersil is vendor ID 9)
REV[2..0] = Silicon rev (Rev 0 through Rev 7 allowed for silicon spins)
0x07
DC Brightness Control Register
BRTDC[7..0] = 256 steps of DC brightness control
PWM_MD PWM_SEL
MODE
X1
PWMI Mode
10
SMBus Mode
0
0
SMBus and PWMI mode with DPST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com