Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 11Page - Renesas Technology Corp ISL97635A Datasheet HTML 12Page - Renesas Technology Corp ISL97635A Datasheet HTML 13Page - Renesas Technology Corp ISL97635A Datasheet HTML 14Page - Renesas Technology Corp ISL97635A Datasheet HTML 15Page - Renesas Technology Corp ISL97635A Datasheet HTML 16Page - Renesas Technology Corp ISL97635A Datasheet HTML 17Page - Renesas Technology Corp ISL97635A Datasheet HTML 18Page - Renesas Technology Corp ISL97635A Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 15 of 29
Sep 26, 2017
For the extensive fault protection conditions, please refer to
Figure 19 and Table 1 for details.
FIGURE 19. SIMPLIFIED FAULT PROTECTIONS
Q5
VSC
IIN5
VSET
DC CURRENT
PWM/OC0/SC0
REF
FET
DRIVER
LX
IMAX
ILIMIT
DRIVER
FAULT
OVP
VIN
T2
OTP
THRM
SHDN
Q0
VSC
IIN0
VOUT
SMBUS
CONTROL
LOGIC
FAULT/
STATUS
REGISTER
VSET
PWM/OC5/SC5
TEMP
SENSOR
LOGIC
LX
T1
OTP
THRM
SHDN
O/P
SHORT
+
-
+
-
REG
VSET/2
TABLE 1. PROTECTIONS TABLE
CASE
FAILURE MODE
DETECTION MODE
FAILED CHANNEL ACTION
GOOD CHANNELS ACTION
VOUT REGULATED BY
1
CH0 Short-Circuit
Upper
Over-Temperature
Protection limit
(OTP) not triggered
and VIIN0 < VSC
CH0 ON and burns power
CH1 through CH5 Normal
Highest VF of CH1
through CH5
2
CH0 Short-Circuit
Upper OTP triggered
but VIN0 < VSC
CH0 goes off until chip cooled and
then comes back on with current
reduced to 76%. Further OTP triggers
result in reduction to 53%, then 30%.
Thermal event reported in
Fault/Status Register.
Same as CH0
Highest VF of CH1
through CH5
3
CH0 Short-Circuit
Upper OTP not
triggered but VIIN0
> VSC
CH0 doubled after 6ms time-out.
Time-out reduced to 420µs if above
lower OTP limit
CH1 through CH5 Normal
Highest VF of CH1
through CH5
4
CH0 Open Circuit with
infinite resistance
Upper OTP not
triggered and VIIN0
< VSC
VOUT will ramp to OVP. CH0 will time-
out after 6ms (800µs if above lower
OTP limit) and switch off. VOUT will
drop to normal level.
CH1 through CH5 Normal
Highest VF of CH1
through CH5
5CH0 LED Open Circuit
but has paralleled
Zener
Upper OTP not
triggered and VIIN0
< VSC
CH0 remains ON and has highest VF,
thus VOUT increases
CH1 through CH5 ON, Q1 through Q5
burn power
VF of CH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com