Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 16Page - Renesas Technology Corp ISL97635A Datasheet HTML 17Page - Renesas Technology Corp ISL97635A Datasheet HTML 18Page - Renesas Technology Corp ISL97635A Datasheet HTML 19Page - Renesas Technology Corp ISL97635A Datasheet HTML 20Page - Renesas Technology Corp ISL97635A Datasheet HTML 21Page - Renesas Technology Corp ISL97635A Datasheet HTML 22Page - Renesas Technology Corp ISL97635A Datasheet HTML 23Page - Renesas Technology Corp ISL97635A Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 20 of 29
Sep 26, 2017
The PWM_SEL bit determines whether the SMBus or PWMI input
should drive the output brightness in terms of PWM dimming.
When PWM_SEL bit is 1, the PWMI drives the output brightness
regardless of what the PWM_MD is.
When the PWM_SEL bit is 0, the PWM_MD bit selects the
manner in which the PWM dimming is to be interpreted; when
this bit is 1, the PWM dimming is based on the SMBus brightness
setting. When this bit is 0, the PWM dimming reflects a
percentage change in the current brightness programmed in the
SMBus register 0x00, i.e. DPST (Display Power Saving
Technology) mode as shown in Equation 15:
where:
Cbt = Current brightness setting from SMBus register 0x00 without
influence from the PWMI
PWMI = is the percent duty cycle of the PWMI
For example, the Cbt = 50% duty cycle programmed in the SMBus
register 0x00 and the PWM frequency is tuned to be 200Hz with an
appropriate capacitor at the FPWM pin. On the other hand, PWMI is
fed with a 1kHz 30% high PWM signal. When PWM_SEL = 0 and
PWM_MD = 0, the device is in DPST operation where DPST
brightness = 15% PWM dimming at 200Hz.
• All reserved bits return a “0” when read.
• All reserved bits have no functional effect when written.
• All defined control bits return their current, latched value when
read.
• A value of 1 written to BL_CTL turns on the BL in 4ms or less after
the write cycle completes. The BL is deemed to be on when Bit 3
BL_STAT of register 0x02 is 1 and register 0x09 is not 0. See
Figures 24 and 25.
• A value of 0 written to BL_CTL immediately turns off the BL.
The BL is deemed to be off when Bit 3 BL_STAT of register
0x02 is 0 and register 0x09 is 0. See Figures 24 and 25.
• ** Note that the behavior of register 0x00 (Brightness Control
Register) is affected by certain combinations of the control
bits, as shown in Table 3 “Operating Modes Selected by Device
Control Register Bits 1 and 2.”
• When an SMBus mode is selected, register 0x00 reflects the
last value written to it. But, when any non-SMBus mode is
selected, register 0x00 reflects the current brightness value
based on the current mode of operation, with the exception of
SMBus mode with DPST, where PWM_MD = 0 and
PWM_SEL = 0.
FIGURE 24. DESCRIPTIONS OF BRIGHTNESS CONTROL REGISTER
REGISTER 0x00
PWM BRIGHTNESS CONTROL REGISTER
BRT7
BRT6
BRT5
BRT4
BRT3
BRT2
BRT1
BRT0
Bit 7 (R/W)
Bit 6 (R/W)
Bit 5 (R/W)
Bit 4 (R/W)
Bit 3 (R/W)
Bit 2 (R/W)
Bit 1 (R/W)
Bit 0 (R/W)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
BRT[7..0]
= 256 steps of PWM brightness levels
FIGURE 25. DESCRIPTIONS OF DEVICE CONTROL REGISTER
REGISTER 0x01
DEVICE CONTROL REGISTER
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
PWM_MD
PWM_SEL
BL_CTL
Bit 7 (R/W)
Bit 6 (R/W)
Bit 5 (R/W)
Bit 4 (R/W)
Bit 3 (R/W)
Bit 2 (R/W)
Bit 1 (R/W)
Bit 0 (R/W)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
PWM_MD
= PWM mode select bit (1 = absolute brightness, 0 =
% change) default = 0
PWM_SEL
= Brightness control select bit (1 = control by PWMI,
0 = control by SMBus) default = 0
BL_CTL
= BL On/Off (1 = On, 0 = Off) default = 0
DPST Brightness
Cbt PWMI
=
(EQ. 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com