Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 21Page - Renesas Technology Corp ISL97635A Datasheet HTML 22Page - Renesas Technology Corp ISL97635A Datasheet HTML 23Page - Renesas Technology Corp ISL97635A Datasheet HTML 24Page - Renesas Technology Corp ISL97635A Datasheet HTML 25Page - Renesas Technology Corp ISL97635A Datasheet HTML 26Page - Renesas Technology Corp ISL97635A Datasheet HTML 27Page - Renesas Technology Corp ISL97635A Datasheet HTML 28Page - Renesas Technology Corp ISL97635A Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
VIN
PWMI/EN
R5
10k
C6
4.7µ/50V
C11
1µ/10V
R6
10k
R4
39k
D1
SS15
OVP
R3
1M
SMBCLK
1
SMBDAT
2
FPWM
3
PWMO
4
GND
5
IIN1
14
IIN0
15
OVP
16
PGND
17
PGND
18
PWMI/EN
6
IIN2
13
U1
ISL97635A
C1
10µ/25V
C10
33n
R7
500
C13
27n/6.3V
C14
220n/6.3V
C7
4.7µ/50V
JP26
C12
0.1µ/10V
C2
0.1µ/25V
C4
10µ/25V
1
2
5
6
4
3
Q1
FDMA530PZ
GND
VLOGIC
SMBDAT
SMBCLK
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
LED12
LED13
LED14
LED15
LED16
LED17
LED18
LED19
LED20
LED21
LED22
LED23
LED24
LED25
LED26
LED27
LED28
LED29
LED30
LED31
LED32
LED33
LED34
LED35
LED36
LED37
LED38
LED39
LED40
LED41
LED42
LED43
LED44
LED45
LED46
LED47
LED48
LED49
LED50
LED51
LED52
LED53
LED54
L1
8.2µH
L1 : IHLP-2525BD-01 Vishay Inductor,
D1 : SS15 - Vishay Schottky Diode, 5
NOTES:
FIGURE 33. TYPICAL APPLICATION CIRCUIT
C20
FOR 2 LAYERS BOARD, LAYOUT
PGND (NOISY GROUND) ON TOP
LAYER AND AGND (QUIET GROUND)
ON BOTTOM LAYER. TIE PGND AND
AGND ONLY AT ONE POINT BY DOING
THIS: BRIDGE U1 PGND (PINS 18 AND 19)
AND AGND (PIN 5) TO THE PACKAGE
THERMAL PAD. PUT MULTIPLE VIAS ON THE
THERMAL PAD THAT CONNECTS TO THE
BOTTOM SIDE AGND.
R2
36.6k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com