Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 4Page - Renesas Technology Corp ISL97635A Datasheet HTML 5Page - Renesas Technology Corp ISL97635A Datasheet HTML 6Page - Renesas Technology Corp ISL97635A Datasheet HTML 7Page - Renesas Technology Corp ISL97635A Datasheet HTML 8Page - Renesas Technology Corp ISL97635A Datasheet HTML 9Page - Renesas Technology Corp ISL97635A Datasheet HTML 10Page - Renesas Technology Corp ISL97635A Datasheet HTML 11Page - Renesas Technology Corp ISL97635A Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 8 of 29
Sep 26, 2017
FAULT PIN
Fault Pull-Down Current
IFAULT
VIN = 12V
10
18
30
µA
FAULT Clamp Voltage With Respect to VIN
VFAULT
VIN = 12, VIN - VFAULT
7.5
V
LX Start-Up Current
IlxStart-up
VDC = 5.2V
1
2.7
7
mA
NOTES:
4. Limits established by characterization and are not production tested.
5. Varies within range specified by VHEADROOM_RANGE.
Electrical Specifications All specifications below are tested at T
A = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ, unless
otherwise noted. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNIT
Typical Performance Curves
FIGURE 3. EFFICIENCY, L = 8.2µH WITH DCR = 106mΩ,
CO = 4x4.7µF/50V
FIGURE 4. EFFICIENCY, L = 10µH WITH DCR = 129mΩ,
CO = 4x4.7µF/50V
FIGURE 5. 3 EFFICIENCY, L = 10µH WITH DCR = 500mΩ, 1mm,
CO = 4x4.7µF/50V
FIGURE 6. CURRENT REGULATION
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
IO (mA)
L = 8.2µH
IHLP-2525BD-01
DCR = 106mΩ
ISAT = 3A
7S6P - 18V
9S6P - 6V
7S6P - 6V
9S6P - 12V
7S6P - 12V
9S6P - 18V
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
IO (mA)
L = 10µH
IHLP-2525BD-01
DCR = 129mΩ
ISAT = 2.5A
7S6P - 6V
7S6P - 12V
7S6P - 18V
9S6P - 6V
9S6P - 12V
9S6P - 18V
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
IO (mA)
L = 10µH
DCR ~ 500mΩ
<1mm HEIGHT
9S6P - 6V
7S6P - 6V
9S6P - 12V
9S6P - 18V
7S6P - 12V
7S6P - 18V
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4
6
8
10
12
14
1618
20222426
VIN (V)
20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com