Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL97635A Datasheet HTML 1Page - Renesas Technology Corp ISL97635A Datasheet HTML 2Page - Renesas Technology Corp ISL97635A Datasheet HTML 3Page - Renesas Technology Corp ISL97635A Datasheet HTML 4Page - Renesas Technology Corp ISL97635A Datasheet HTML 5Page - Renesas Technology Corp ISL97635A Datasheet HTML 6Page - Renesas Technology Corp ISL97635A Datasheet HTML 7Page - Renesas Technology Corp ISL97635A Datasheet HTML 8Page - Renesas Technology Corp ISL97635A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FN6564 Rev.3.00
Page 1 of 29
Sep 26, 2017
FN6564
Rev.3.00
Sep 26, 2017
ISL97635A
SMBus 6-Channel LED Driver
DATASHEET
The ISL97635A is a digitally controlled LED driver that controls
6 channels of LED current for LCD backlight applications. The
ISL97635A is capable of driving typically 54 (6x9) pieces of
3.5V/30mA or 60 (6x10) pieces of 3.2V/20mA LEDs. The
ISL97635A contains 6 channels of voltage controlled current
sources with typical currents matching of ±1%, which
compensate for the non-uniformity effect of forward voltages
variance in the LED stacks. To minimize the voltage headroom
and power loss in the typical multi-strings operation, the
ISL97635A features a dynamic headroom control that
monitors the highest LED forward voltage string and uses its
feedback signal for output regulation.
The LED dimming control can be achieved through a SMBus,
an external PWM, or a variable DC (analog light sensor) input.
SMBus controlled dimming allows 256 levels each of PWM
and DC current adjustments. The SMBus PWM dimming
frequency can be adjusted from 100Hz to 5kHz by an external
capacitor. External PWM input allows up to 20kHz audio noise
free PWM dimming. The SMBus PWM setting and an external
PWMI signal can also be combined to provide a dynamic PWM
dimming that complies with Intel’s DPST (Display Power
Saving Technology) requirement.
One or more channels can be selected sequentially in any
order allowing scrolling in RGB LED backlighting applications.
The ISL97635A features extensive protection functions that
include string open and short-circuit detections, OVP, OTP,
thermal shutdown, and an optional input overcurrent
protection with master fault disconnect switch. The fault
conditions will be recorded in the Fault/Status register. There
are selectable short-circuit thresholds and the switching
frequency can be programmed between 600kHz and 1.2MHz.
Available in the 24 Ld 4mmx4mm QFN, the ISL97635A
operates from -40°C to +85°C with input voltage ranging from
6V to 24V for high LEDs count applications.
Related Literature
• For a full list of related documents, visit our website
- ISL97635A product page
Features
• 6 channels
• 6V to 24V input
• 34.5V output maximum
• Drive maximally 54 (3.5V/30mA each) or 60 (3.2V/20mA
each) LEDs
• Current matching ±1% typical
• Dynamic headroom control
• Dimming controls
- SMBus 8-bit PWM current control
- SMbus 8-bit DC current control
- External PWM input up to 20kHz dimming
- SMBus and external PWM DPST dimming control
- DC-to-PWM dimming control
•Protections
- String open circuit detection
- String short-circuit detection with selectable thresholds
- Over-temperature protection
- Overvoltage protection
- Input overcurrent protection with disconnect switch
• 600kHz/1.2MHz selectable fSW
• Selectable channels allows scrolling backlight
•24 Ld (4mmx4mm) QFN package
• Pb-free (RoHS compliant)
Applications
• Notebook displays WLED or RGB LED backlighting
• LCD monitor LED backlighting
• Automotive displays LED backlighting
• Automotive or traffic lighting


Similar Part No. - ISL97635A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
More results

Similar Description - ISL97635A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
SMBus/I2C 8-Channel LED Driver
November 13, 2009
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
SMBus 8-Channel LED Driver
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
SMBus/I2C 8-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com