Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 2Page - Renesas Technology Corp ISL97635A Datasheet HTML 3Page - Renesas Technology Corp ISL97635A Datasheet HTML 4Page - Renesas Technology Corp ISL97635A Datasheet HTML 5Page - Renesas Technology Corp ISL97635A Datasheet HTML 6Page - Renesas Technology Corp ISL97635A Datasheet HTML 7Page - Renesas Technology Corp ISL97635A Datasheet HTML 8Page - Renesas Technology Corp ISL97635A Datasheet HTML 9Page - Renesas Technology Corp ISL97635A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 6 of 29
Sep 26, 2017
Line Regulation
IOUT/VIN
0.1
%
Boost Maximum Duty Cycle
Dmax
82
%
Boost Minimum Duty Cycle
Dmin
7%
LX Frequency
FOSC_hi
Register 0x08, fSW = 1
1.0
1.2
1.3
MHz
LX Frequency
FOSC_lo
Register 0x08, fSW = 0
550
600
650
kHz
LX Leakage Current
ILX_leakage
VLX = 36V, EN = 0
10
µA
REFERENCE
Channel-to-Channel Current Matching
IMATCH
IOUT = 30mA, BRT = 255
-3.5
±1
+3.5
%
Current Accuracy
IACC
±3
%
FAULT DETECTION
Short-Circuit Threshold
VSC
Reg0x08 = 0x0F or 0x0B Reg0x00 = 0xFF
7.8
8
8.8
V
Reg0x08 = 0x0E or 0x0A Reg0x00 = 0xFF
2.8
3.1
3.8
V
Over-Temperature Threshold Accuracy
Vtemp_acc
5°
C
Overvoltage Limit on OVP Pin
VOVPlo
1.17
1.2
1.23
V
OVP Hysteresis
OVPhys
20
mV
OVP Short Detection Fault Level
OVPfault
300
mV
SMBus INTERFACE
Guaranteed Range for Data, Clock Input Low Voltage
VIL
0.8
V
Guaranteed Range for Data, Clock Input High
Voltage
VIH
2.1
VDD
V
SMBus Data Line Logic Low Voltage with 1.1kΩ
Series Resistor from Data Bus to SMBDAT pin
VOL
IPULLUP = 350µA
0.4
V
SMBus Data Line Logic Low Voltage without Series
Resistor from Data Bus to SMBDAT Pin
IPULLUP = 4mA
0.17
V
Input Leakage on SMBData/SMBClk
ILEAK
-1
1
µA
Nominal Bus Voltage
VDD
3V to 5V ±10%
2.7
5.5
V
SMBus TIMING SPECIFICATIONS (Note 4)
SMBus Clock Frequency
fSMB
10
100
kHz
Bus Free Time between STOP and START Condition
tBUF
4.7
µs
Hold Time after (Repeated) START Condition. After
this Period, the First Clock is Generated.
tHD:STA
4.0
µs
Repeated Start Condition Setup Time
tSU:STA
4.7
µs
Stop Condition Setup Time
tSU:STO
4.0
µs
Data Hold Time
tHD:DAT
300

Data Setup Time
tSU:DAT
250
ns
Clock Low Period
tLOW
4.7
µs
Clock High Period
tHIGH
4.0
50
µs
Clock/Data Fall Time
tF
300
ns
Clock/Data Rise Time
tR
1000
ns
Electrical Specifications All specifications below are tested at T
A = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ, unless
otherwise noted. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com