Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 5Page - Renesas Technology Corp ISL97635A Datasheet HTML 6Page - Renesas Technology Corp ISL97635A Datasheet HTML 7Page - Renesas Technology Corp ISL97635A Datasheet HTML 8Page - Renesas Technology Corp ISL97635A Datasheet HTML 9Page - Renesas Technology Corp ISL97635A Datasheet HTML 10Page - Renesas Technology Corp ISL97635A Datasheet HTML 11Page - Renesas Technology Corp ISL97635A Datasheet HTML 12Page - Renesas Technology Corp ISL97635A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 9 of 29
Sep 26, 2017
FIGURE 7. CHANNEL-TO-CHANNEL CURRENT MATCHING
FIGURE 8. CURRENT MATCHING vs DUTY CYCLE vs DIMMING
FREQUENCY
FIGURE 9. PWM DIMMING LINEARITY
FIGURE 10. LX, IIN, IL AND LO
FIGURE 11. IL AT 50% PWM DIMMING
FIGURE 12. IL ZOOM IN AT PWM DIMMING ZOOM IN
Typical Performance Curves (Continued)
-0.020
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
0.020
Ch 0
Ch 1
Ch 2
Ch 3
Ch 4
Ch 5
CHANNELS
6P9S = 54 LEDs
6V/1mA
6V/20mA
12V/1mA
12V/20mA
0.5
0.6
0.7
0.8
0.9
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
PWM DUTY CYCLE
10kHz
200Hz
1kHz
100Hz
20kHz
VIN = 12V
0
20
40
60
80
100
120
140
160
180
0
1020
3040
506070
80
90
100
PWM DUTY CYCLE (%)
VIN = 18V
VIN = 6V
VIN = 12V
6 CHANNELS
9 LEDs PER CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com