Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 21Page - Renesas Technology Corp ISL97635A Datasheet HTML 22Page - Renesas Technology Corp ISL97635A Datasheet HTML 23Page - Renesas Technology Corp ISL97635A Datasheet HTML 24Page - Renesas Technology Corp ISL97635A Datasheet HTML 25Page - Renesas Technology Corp ISL97635A Datasheet HTML 26Page - Renesas Technology Corp ISL97635A Datasheet HTML 27Page - Renesas Technology Corp ISL97635A Datasheet HTML 28Page - Renesas Technology Corp ISL97635A Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 25 of 29
Sep 26, 2017
Components Selections
According to the inductor Voltage-Second Balance principle, the
change of inductor current during the switching regulator On-
time is equal to the change of inductor current during the
switching regulator Off-time. Since the voltage across an inductor
is:
and
IL at On = IL at Off, therefore:
where D is the switching duty cycle defined by the turn-on time
over the switching period. VD is Schottky diode forward voltage
that can be neglected for approximation.
Rearranging the terms without accounting for VD gives the boost
ratio and duty cycle respectively as Equations 18 and 19:
Input Capacitor
Switching regulators require input capacitors to deliver peak
charging current and to reduce the impedance of the input
supply. This reduces interaction between the regulator and input
supply, improving system stability. The high switching frequency
of the loop causes almost all ripple current to flow in the input
capacitor, which must be rated accordingly.
A capacitor with low internal series resistance should be chosen
to minimize heating effects and improve system efficiency, such
as X5R or X7R ceramic capacitors, which offer small size and a
lower value of temperature and voltage coefficient compared to
other ceramic capacitors.
In boost mode, input current flows continuously into the inductor,
with an AC ripple component proportional to the rate of inductor
charging only and smaller value input capacitors may be used. It
is recommended that an input capacitor of at least 10µF be
used. Ensure the voltage rating of the input capacitor is suitable
to handle the full supply range.
Inductor
The selection of the inductor should be based on its maximum
current (ISAT) characteristics, power dissipation (DCR), EMI
susceptibility (shielded vs unshielded), and size. Inductor type
and value influence many key parameters, including ripple
current, current limit, efficiency, transient performance and
stability.
Its maximum current capability must be adequate to handle the
peak current at the worst case condition. If an inductor core is
chosen with too low a current rating, saturation in the core will
cause the effective inductor value to fall, leading to an increase
in peak to average current level, poor efficiency and overheating
in the core. The series resistance, DCR, within the inductor
causes conduction loss and heat dissipation. A shielded inductor
is usually more suitable for EMI susceptible applications, such as
LED backlighting.
The peak current can be derived from the fact that the voltage
across the inductor during the Off-period can be shown as
Equation 20:
The choice of 85% is just an average term for the efficiency
approximation. The first term is average current that is inversely
proportional to the input voltage. The second term is inductor
current change that is inversely proportional to L and fS. As a
result, for a given switching frequency and minimum input
voltage the system operates, the inductor ISAT must be chosen
carefully. At a given inductor size, usually the larger the
inductance, the higher the series resistance because of the extra
winding of the coil. Thus, the higher the inductance, the lower the
peak current capability. The ISL97635A current limit may also
have to be taken into account.
Output Capacitors
The output capacitor acts to smooth the output voltage and
supplies load current directly during the conduction phase of the
power switch. Output ripple voltage consists of the discharge of
the output capacitor for ILPEAK during FET On and the voltage
drop due to flowing through the ESR of the output capacitor. The
ripple voltage can be shown as Equation 21:
The conservation of charge principle in Equation 19 also brings
up a fact that during the boost switch off-period, the output
capacitor is charged with the inductor ripple current minus a
relatively small output current in boost topology. As a result, the
users need to select an output capacitor with low ESD and with a
enough input ripple current capability.
Output Ripple
VCo can be reduced by increasing CO or fS, or using small ESR
capacitors. In general, ceramic capacitors are the best choice for
output capacitors in small to medium sized LCD backlight
applications due to their cost, form factor, and low ESR.
A larger output capacitor will also ease the driver respond during
PWM dimming Off-period due to the longer sample and hold
effect of the output drooping. The driver does not need to boost
harder in the next On-period that minimizes transient current.
The output capacitor is also needed for compensation and in
general 2x4.7µF/50V ceramic capacitors are suitable for the
notebook display backlight applications.
Schottky Diode
A high speed rectifier diode is necessary to prevent excessive
voltage overshoot, especially in the boost configuration. Low
forward voltage and reverse leakage current will minimize
losses, making Schottky diodes the preferred choice. Although
the Schottky diode turns on only during the boost switch Off-
period, it carries the same peak current as the inductor’s, and
therefore, a suitable current rated Schottky diode must be used.
VL
L
I
L t
=
(EQ. 16)
V
I
0
 L
DtS
VO VD VI
–
–

=
L1
D
 t
S
–
–
(EQ. 17)
VO VI 11 D
–

=
(EQ. 18)
DVO
VI VO
–
=
(EQ. 19)
ILpeak
VO
IO 85%
VI 12 VI VO
VI L
VO fS
–

+
=
(EQ. 20)
V
CO
I
O CO
DfS
I
O
ESR

+
=
(EQ. 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com