Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 12Page - Renesas Technology Corp ISL97635A Datasheet HTML 13Page - Renesas Technology Corp ISL97635A Datasheet HTML 14Page - Renesas Technology Corp ISL97635A Datasheet HTML 15Page - Renesas Technology Corp ISL97635A Datasheet HTML 16Page - Renesas Technology Corp ISL97635A Datasheet HTML 17Page - Renesas Technology Corp ISL97635A Datasheet HTML 18Page - Renesas Technology Corp ISL97635A Datasheet HTML 19Page - Renesas Technology Corp ISL97635A Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 16 of 29
Sep 26, 2017
6CH0 LED Open Circuit
but has paralleled
Zener
Upper OTP triggered
but VIIN0 < VSC
CH0 goes off until chip cooled and
then comes back on with current
reduced to 76%. Further OTP triggers
result in reduction to 53%, then 30%.
Thermal event reported in
Fault/Status Register.
Same as CH0
VF of CH0
7CH0 LED Open Circuit
but has paralleled
Zener
Upper OTP not
triggered but VIIN0
> VSC
CH0 OFF
CH1 through CH5 Normal
Highest VF of CH1
through CH5
Upper OTP not
triggered but VIINx
> VSC
CH0 remains ON and has highest VF,
thus VOUT increases.
VOUT increases then CH-X switches
OFF. This is an unwanted shut off and
can be prevented by setting OVP
and/or VSC at an appropriate level.
VF of CH0
8
Channel-to-Channel
VF too high
Lower OTP
triggered but VIINx
< VSC
Any channel at below 50% of the target current will fault out after 400µs.
Remaining channels driven with normal current.
Highest VF of CH0
through CH5
9
Channel-to-Channel
VF too high
Upper OTP triggered
but VIINx < VSC
All channels switched off until chip cooled and then comes back on with
current reduced to 76%. Further OTP triggers result in reduction to 53%, then
30%. Thermal event reported in Fault/Status Register.
Highest VF of CH0
through CH5
10
Output LED stack
voltage too high
VOUT > VOVP
Driven with normal current. Any channel that is below 50% of the target
current will time-out after 6ms.
Highest VF of CH0
through CH5
11
VOUT/LX shorted to
GND
LX current and
timing are
monitored.
OVP pin monitored
for excursions
below 20% of OVP
threshold
Fault switch disabled and system shutdown until fault goes away, VOUT is
checked at startup with a low current from LX to check for presence of short
before the fault switch is enabled.
TABLE 1. PROTECTIONS TABLE (Continued)
CASE
FAILURE MODE
DETECTION MODE
FAILED CHANNEL ACTION
GOOD CHANNELS ACTION
VOUT REGULATED BY
FIGURE 20. SMBUS INTERFACE
VIH
VIL
VIH
VIL
tR
tLOW
tHD:STA
tHD:DAT
tF
tHIGH
tSU:DAT
tSU:STA
S
S
P
P
tSU:STO
SMBDAT
SMBCLK
NOTES:
SMBus Description
S = start condition
P = stop condition
A = acknowledge
A = not acknowledge
R/W = read enable at high; write enable at low
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com