Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635A Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL97635A
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635A Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL97635A Datasheet HTML 15Page - Renesas Technology Corp ISL97635A Datasheet HTML 16Page - Renesas Technology Corp ISL97635A Datasheet HTML 17Page - Renesas Technology Corp ISL97635A Datasheet HTML 18Page - Renesas Technology Corp ISL97635A Datasheet HTML 19Page - Renesas Technology Corp ISL97635A Datasheet HTML 20Page - Renesas Technology Corp ISL97635A Datasheet HTML 21Page - Renesas Technology Corp ISL97635A Datasheet HTML 22Page - Renesas Technology Corp ISL97635A Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 19 of 29
Sep 26, 2017
PWM Brightness Control Register (0x00)
The Brightness control resolution has 256 steps of PWM duty
cycle adjustment. The bit assignment is shown in Figure 24. All of
the bits in this Brightness Control Register can be read or write.
Step 0 corresponds to the minimum step where the current is
less than 10µA. Step1 to step 255 represent the linear steps
between 0.39% and 100% duty cycle with approximately 0.39%
duty cycle adjustment per step.
• An SMBus Write Byte cycle to register 0x00 sets the PWM
brightness level only if the backlight controller is in SMBus
mode (see Table 3 Operating Modes selected by Device Control
Register Bits 1 and 2).
• An SMBus Read Byte cycle to register 0x00 returns the
programmed PWM brightness level regardless of the value of
PWM_SEL.
• An SMBus setting of 0xFF for register 0x00 sets the backlight
controller to the maximum brightness.
• An SMBus setting of 0x00 for register 0x00 sets the backlight
controller to the minimum brightness output in which the LED
current is guaranteed to be less than 10µA.
• Default value for register 0x00 is 0xFF.
Device Control Register (0x01)
This register has two bits that control the operating mode of the
backlight controller and a single bit that controls the BL ON/OFF
state. The remaining bits are reserved. The bit assignment is
shown in Figure 25. All other bits in the Device Control Register
will read as low unless otherwise written. Bits 7 and 6 are not
implemented and will always read low.
0x08
Configuration Register
VSC[1..0] = Short-circuit thresholds selection
FSW[2] = Switching frequencies selection
0x09
Output Channel Mask / Fault
Readout Register
CH[5..0] = Output Channel Read and Write. In Write, 1 = Channel Enabled, 0 = Channel Disabled. In
Read, 1 = Channel OK, 0 = Channel Not OK/Channel disabled
TABLE 2B. DATA BIT DESCRIPTIONS (Continued)
ADDRESS
REGISTER
DATA BIT DESCRIPTIONS
VSC1
VSC0
OPERATION
0X
No VSC error detection
1
0
VSC = 3.1V ±15%
1
1
VSC = 8V ±15%
FSW
OPERATION
0FSW = 600kHz
1FSW = 1.2MHz
TABLE 3. OPERATING MODES SELECTED BY DEVICE CONTROL
REGISTER BITS 1 AND 2
PWM_MD
PWM_SEL
MODE
X1
PWMI Mode
10
SMBus Mode
0
0
SMBus and PWMI Mode with DPST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com