Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 21Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 22Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 28Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 25 of 52
When high output is not needed, ensure no efficiency loss due
to the extra boost switch by switching off the battery supply.
With variable boost methods after high output is no longer
needed, the boost remains on for a long time. With five-level
modulation, it instantly switches back to using the battery
supply, resulting in better real-world power. Figure 53 depicts
five-level, Σ-Δ output modulation with input stimulus.
Figure 53. Five-Level, Σ-Δ Output Modulation
INTEGRATED BOOST CONVERTER
An integrated boost converter is provided with a nominal
switching frequency of 1.536 MHz. The converter is designed to
step up the VBAT supply, typically 3.6 V from a single-cell
battery, to a higher VOUT voltage of 5.1 V. The output of the
boost converter is available at the VBST pins. A 2.2 µH inductor
is required for proper operation of the boost converter. See the
Component Selection for Boost Regulators section for more details
on selecting the proper inductor. The boost converter can be
powered down via the BOOST_PWDN control bit. When the
boost is powered down and the amplifier is still active, the
amplifier runs directly off the VBAT supply. This same VBAT
only operation can be entered with the boost still active with the
VBAT_ONLY bit. The amplifier can be powered down with the
boost still enabled so that the boost output can be used for other
functions.
+VBST
+VBAT
0
–VBAT
–VBST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com