Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 29Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 30Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 31Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 32Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 33Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 34Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 35Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 36Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 33 of 52
REGISTER DETAILS
POWER CONTROL REGISTER
Address: 0x00, Reset: 0x81, Name: POWER_CTRL
Table 26. Bit Descriptions for POWER_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
APWDN_EN
Auto Power-Down Enable. Auto power down automatically puts the IC in a low
power state when 2048 consecutive zero input samples have been received.
0x1
R/W
0
Auto Power-Down Disabled.
1
Auto Power-Down Enabled When APWDN_EN=1. The device automatically powers
down when 2048 consecutive zero value input samples have been received. The
device automatically powers up when a single non zero sample is received.
6
BSNS_PWDN
Battery Voltage Sense Power Down.
0x0
R/W
0
Battery Voltage Sense Powered On.
1
Battery Voltage Sense Powered Off.
5
VSNS_PWDN
Voltage Sense Power-Down.
0x0
R/W
0
Voltage Sense Powered On.
1
Voltage Sense Powered Off.
4
ISNS_PWDN
Current Sense Power Down.
0x0
R/W
0
Current Sense Powered On.
1
Current Sense Powered Off.
3
BOOST_PWDN
Boost Converter Power-Down. When the boost converter is powered down, the
Class-D operates directly from VBAT power supply.
0x0
R/W
0
Boost Converter Enabled.
1
Boost Converter Powered Down.
2
AMP_PWDN
Amplifier Power-Down.
0x0
R/W
0
Amplifier and DAC Normal Operation.
1
Amplifier and DAC Powered Down.
1
VBAT_ONLY
Class-D Power Switch.
0x0
R/W
0
Class-D can switch between VBAT and PVDD as a five-level output.
1
Class-D powered from VBAT only, even if the booster is on.
0
SPWDN
Master Software Power-Down. Software power-down puts all blocks except the I2C
interface in a low power state.
0x1
R/W
0
Normal Operation.
1
Software Master Power-Down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com