Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 48Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 49Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 50Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 51Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 51 of 52
BOOST CONTROL 2 REGISTER
Address: 0x16, Reset: 0x00, Name: BOOST_CTRL_2
Table 48. Bit Descriptions for BOOST_CTRL_2
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved
0x0
R/W
3
ARCV_BST
Autorecovery setting for boost fault
0x0
R/W
0
Autorecovery for boost fault
1
Manual recovery for boost fault
2
RESERVED
Reserved
0x0
R/W
[1:0]
SEL_GM
Transconductance (gm) selection for the error amplifier in the boost
0x0
R/W
00
12.5 μS gm
01
16.6 μS gm
10
20.0 μS gm
11
25.0 μS gm
SOFT RESET REGISTER
Address: 0xFF, Reset: 0x00, Name: SOFT_RESET
Table 49. Bit Descriptions for SOFT_RESET
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SOFT_RESET
Soft Reset (write the value 0x00 to this register to initiate a soft reset)
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com