Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 48Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 49Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 50Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 51Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 50 of 52
Table 46. Bit Descriptions for MCLK_RATIO
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R/W
4
AMCS
Auto MCS. Automatic or manual Master Clock ratio Setting
0x1
R/W
0
Manual MCLK ratio Setting by using the MCS Bits
1
Automatic MCLK ratio detection The Master Clock ratio Setting that is detected is stored
in the MCS register bits to allow the setting to be read.
[3:0]
MCS
MCLK Ratio Setting (when AMCS = 1, this reads back the auto detection setting )
0x1
R/W
0000
64 × fs
0001
128 × fs
0010
192 × fs
0011
256 × fs
0100
384 × fs
0101
512 × fs
0110
50 × fs
0111
100 × fs
1000
200 × fs
1001
400 × fs
BOOST CONTROL 1 REGISTER
Address: 0x15, Reset: 0x03, Name: BOOST_CTRL_1
Table 47. Bit Descriptions for BOOST_CTRL_1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
ADJ_PGATE
PMOS driver speed setting
0x0
R/W
00
Fastest pmos driver speed
01
Fast pmos driver speed
10
Slow pmos driver speed
11
Slowest pmos driver speed
[5:3]
RESERVED
Reserved.
0x0
R/W
2
EN_DSCGB
Output discharge switch enable
0x0
R/W
0
Disable the output discharge switch
1
Enable the output discharge switch
1
FPWMB
Force PWM mode for the boost
0x1
R/W
0
Force PWM Mode
1
PWM mode + PSM mode
0
SEL_FREQ
Boost clock frequency Select
0x1
R/W
0
2.5 MHz
1
1.25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com